Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F4481 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # F4481
Description  DIFF-In/SE-Out Quad Path TX DVGA 400MHz to 1100MHz
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4481 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button F4481 Datasheet HTML 4Page - Renesas Technology Corp F4481 Datasheet HTML 5Page - Renesas Technology Corp F4481 Datasheet HTML 6Page - Renesas Technology Corp F4481 Datasheet HTML 7Page - Renesas Technology Corp F4481 Datasheet HTML 8Page - Renesas Technology Corp F4481 Datasheet HTML 9Page - Renesas Technology Corp F4481 Datasheet HTML 10Page - Renesas Technology Corp F4481 Datasheet HTML 11Page - Renesas Technology Corp F4481 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
F4481 Datasheet
© 2020 Renesas Electronics Corporation
8
December 15, 2020
Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. Stresses greater than those listed below can cause permanent damage to the device.
Functional operation of the F4481 at absolute maximum ratings is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Table 2.
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
VCC to GND
VCC
-0.3
+3.6
V
DATA, CSb, CLK
VCTL
-0.3
VCC + 0.25
V
STBY
VCTL
-0.3
VCC + 0.25
V
STBY Minus VCC Voltage (voltage difference)
VSTBY-VCC
0.3
V
RSET_1, RSET_2, RSET_3, RSET_4 Pin Maximum Output DC Current [a]
IRSET
+1
mA
RDSET_1, RDSET_2, RDSET_3, RDSET_4 Pin Maximum Output DC Current [a]
IRDSET
+1
mA
RFIN_A, RFIN_B, RFIN_C, RFIN_D to GND Externally Applied DC Voltage
VRFIN
-0.3
+0.3
V
RFOUT_A, RFOUT_B, RFOUT_C, RFOUT_D to GND Externally Applied DC
Voltage
VRFOUT
VCC - 0.15
VCC + 0.15
V
RF Input Power (RFIN_A, RFIN_B, RFIN_C, RFIN_D) applied for 24 Hours
Maximum [b]
PIN_MAX24
+17
dBm
Storage Temperature Range
TSTOR
-65
+150
°C
Lead Temperature (soldering, 10s)
TLEAD
+260
°C
Electrostatic Discharge – HBM
(JEDEC/ESDA JS-001-2012)
VESDHBM
2000
(Class 2)
V
Electrostatic Discharge – CDM
(JEDEC 22-C101F)
VESDCDM
250
(Class C1)
V
[a] RSET_1, RSET_2, RSET_3, RSET_4, RDSET_1, RDSET_2, RDSET_3 and RDSET_4 pins MUST be connected to ground with resistors;
otherwise, damage to the part may result. For suggested resistor values, see Table 12.
[b] Exposure to these maximum RF levels can result in significant VCC current draw due to overdriving the amplifier stages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com