Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F4481 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # F4481
Description  DIFF-In/SE-Out Quad Path TX DVGA 400MHz to 1100MHz
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4481 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button F4481 Datasheet HTML 3Page - Renesas Technology Corp F4481 Datasheet HTML 4Page - Renesas Technology Corp F4481 Datasheet HTML 5Page - Renesas Technology Corp F4481 Datasheet HTML 6Page - Renesas Technology Corp F4481 Datasheet HTML 7Page - Renesas Technology Corp F4481 Datasheet HTML 8Page - Renesas Technology Corp F4481 Datasheet HTML 9Page - Renesas Technology Corp F4481 Datasheet HTML 10Page - Renesas Technology Corp F4481 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
F4481 Datasheet
© 2020 Renesas Electronics Corporation
7
December 15, 2020
Number
Name
Description
35
CLK
Serial clock input. 1.8 V and 3.3 V logic compatible.
36
DATA
Data write for the 3-wire serial interface. 1.8V and 3.3V logic compatible.
37
VCC_DIG
Digital power supply. Must place the bypass capacitor as close to the pin as possible.
39
RFOUT_B
RF output B internally matched to 50Ω. Must use external DC block.
41
STBY_B
Standby channel B. With Logic LOW applied to this pin (or if the pin is left unconnected), channel B enters STBY
mode and is powered off. With Logic HIGH applied to this pin, channel B is powered on and is fully operational.
44
RFOUT_A
RF output A internally matched to 50Ω. Must use external DC block.
47
RDSET_2
Connect external resistor to GND to optimize amplifier performance. Refer to Table 12, Bill of Materials (BOM).
49
RSET_2
Connect external resistor to GND to optimize amplifier performance. Refer to Table 12, Bill of Materials (BOM).
51
STBY_A
Standby channel A. With Logic LOW applied to this pin (or if the pin is left unconnected), channel A enters STBY
mode and is powered off. With Logic HIGH applied to this pin, channel A is powered on and is fully operational.
52
RDSET_1
Connect external resistor to GND to optimize amplifier performance. Refer to Table 12, Bill of Materials (BOM).
53
RSET_1
Connect external resistor to GND to optimize amplifier performance. Refer to Table 12, Bill of Materials (BOM).
– EPAD
Exposed paddle. Internally connected to ground. Solder this exposed paddle to a printed circuit board (PCB) pad
that uses multiple ground vias to provide heat transfer out of the device into the PCB ground planes. These
multiple ground vias are also required to achieve the specified RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com