Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F4481 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # F4481
Description  DIFF-In/SE-Out Quad Path TX DVGA 400MHz to 1100MHz
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4481 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button F4481 Datasheet HTML 8Page - Renesas Technology Corp F4481 Datasheet HTML 9Page - Renesas Technology Corp F4481 Datasheet HTML 10Page - Renesas Technology Corp F4481 Datasheet HTML 11Page - Renesas Technology Corp F4481 Datasheet HTML 12Page - Renesas Technology Corp F4481 Datasheet HTML 13Page - Renesas Technology Corp F4481 Datasheet HTML 14Page - Renesas Technology Corp F4481 Datasheet HTML 15Page - Renesas Technology Corp F4481 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
F4481 Datasheet
© 2020 Renesas Electronics Corporation
12
December 15, 2020
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Serial Clock Speed
fCLK
50
MHz
CSb to First Serial Clock Rising Edge
tLS
SPI 3-wire Bus. 50% of CSb
falling edge to 50% of CLK
rising edge.
10 [c]
ns
Serial Data Hold Time
tH
SPI 3-wire Bus. 50% of CLK
rising edge to 50% of DATA
falling edge.
10 [c]
ns
Final Serial Clock Rising Edge to CSb
tLCS
SPI 3-wire Bus. 50% of CLK
rising edge to 50% of CSb
rising edge.
10 [c]
ns
Stability K Factor
KFACTOR
TEP = -40˚C to +105˚C.
VCC = 3.15V to 3.45V.
fRF = 10MHz to 9GHz.
1
[a] Specifications in the minimum/maximum columns that are shown in bold italics are confirmed by test. Specifications in these columns
that are not shown in bold italics are confirmed by design characterization.
[b] For input signal power level equal to P1dB, expect DC current to increase above typical value.
[c] Speeds are measured after SPI programming is completed (data latched with CSb = HIGH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com