Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F4481 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # F4481
Description  DIFF-In/SE-Out Quad Path TX DVGA 400MHz to 1100MHz
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4481 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button F4481 Datasheet HTML 36Page - Renesas Technology Corp F4481 Datasheet HTML 37Page - Renesas Technology Corp F4481 Datasheet HTML 38Page - Renesas Technology Corp F4481 Datasheet HTML 39Page - Renesas Technology Corp F4481 Datasheet HTML 40Page - Renesas Technology Corp F4481 Datasheet HTML 41Page - Renesas Technology Corp F4481 Datasheet HTML 42Page - Renesas Technology Corp F4481 Datasheet HTML 43Page - Renesas Technology Corp F4481 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
F4481 Datasheet
© 2020 Renesas Electronics Corporation
40
December 15, 2020
Table 12. Bill of Material (BOM)
Part Reference
QTY
Description
Manufacturer Part #
Manufacturer
C10, C11, C13, C14,
C27, C37, C38, C40,
C41, C48, C53
11
10nF ±5%, 50V, X7R Ceramic Capacitor (0402)
GRM155R71H103J
Murata
C15, C20, C28, C33,
C66, C69, C72, C75,
C78, C81, C84, C87
12
100pF ±5%, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1H101J
Murata
C43-C47, C49-C52,
C54
10
1000pF ±5%, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1H102J
Murata
C65
1
100nF ±10%, 50V, X7R Ceramic Capacitor (0402)
GRM155R71H104K
Murata
C55-C59, C60-C64
10
10uF ±20%, 16V, X6S Ceramic Capacitor (0603)
GRM188C81C106M
Murata
R1, R4, R7-11, R14
8
100Ω ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1000X
Panasonic
R2, R16
2
2.0kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF2001X
Panasonic
R3, R15
2
3.57kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF3571X
Panasonic
R5, R13
2
2.0kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF2001X
Panasonic
R6, R12
2
2.67kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF2671X
Panasonic
R17-R27, C1-C4, C6-
C9, C17, C21, C29,
C34
23
0Ω Resistors (0402)
ERJ-2GE0R00X
Panasonic
J1
1
CONN HEADER VERT DBL 11 X 2 POS GOLD
67997-122HLF
Amphenol FCI
J2-J14
13
Edge Launch SMA (0.375 inch pitch ground, tab)
142-0701-851
Emerson Johnson
J26, J27, J28, J29
4
CONN HEADER VERT DBL 2 X 2 POS GOLD
90131-0762
Molex
U1
1
Quad Path TX DVGA 700MHz - 1100MHz
F4481
Renesas
Printed Circuit Board
F4482 EVKIT DF REV01
Renesas
Bill Of Material (Rev 01)
Renesas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com