Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F4481 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # F4481
Description  DIFF-In/SE-Out Quad Path TX DVGA 400MHz to 1100MHz
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4481 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button F4481 Datasheet HTML 37Page - Renesas Technology Corp F4481 Datasheet HTML 38Page - Renesas Technology Corp F4481 Datasheet HTML 39Page - Renesas Technology Corp F4481 Datasheet HTML 40Page - Renesas Technology Corp F4481 Datasheet HTML 41Page - Renesas Technology Corp F4481 Datasheet HTML 42Page - Renesas Technology Corp F4481 Datasheet HTML 43Page - Renesas Technology Corp F4481 Datasheet HTML 44Page - Renesas Technology Corp F4481 Datasheet HTML 45Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
F4481 Datasheet
© 2020 Renesas Electronics Corporation
42
December 15, 2020
Package Outline Drawings
The package outline drawings are appended at the end of this document.
Ordering Information
Orderable Part Number
Package
MSL Rating
Shipping Packaging
Temperature
F4481LKGI
8.0 × 8.0 × 0.65 mm 56-LGA
3
Tray
-40° to +105°C
F4481LKGI8
8.0 × 8.0 × 0.65 mm 56-LGA
3
Reel
-40° to +105°C
F4481EVS
Evaluation Board
Marking Diagram
IDT
F4481LKGI
#YYWW$
LOT
Lines 1 and 2 are the part number.
Line 3 indicates the following:
•
# denotes device stepping
•
“YY” is the last two digits of the year; “WW” is the work week that the part was assembled.
•
“$” denotes the mark code
Line 4 is the lot number.
Revision History
Revision Date
Description of Change
December 15, 2020 Removed reference to F4483.
October 15, 2020
Updated Ordering Information.
October 7, 2020
Updated Electrical Characteristics tables and Typical Performance Characteristics.
September 8, 2020 Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com