Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F4481 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # F4481
Description  DIFF-In/SE-Out Quad Path TX DVGA 400MHz to 1100MHz
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4481 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button F4481 Datasheet HTML 15Page - Renesas Technology Corp F4481 Datasheet HTML 16Page - Renesas Technology Corp F4481 Datasheet HTML 17Page - Renesas Technology Corp F4481 Datasheet HTML 18Page - Renesas Technology Corp F4481 Datasheet HTML 19Page - Renesas Technology Corp F4481 Datasheet HTML 20Page - Renesas Technology Corp F4481 Datasheet HTML 21Page - Renesas Technology Corp F4481 Datasheet HTML 22Page - Renesas Technology Corp F4481 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
F4481 Datasheet
© 2020 Renesas Electronics Corporation
19
December 15, 2020
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Phase Shift Relative to 0dB
Attenuation State
ΦΔMAX
DSA 31.5dB attenuation
-6
deg
ΦΔMID
DSA 14dB attenuation
-4
Intra-die Channel-to-Channel
Differences in Phase
ΦA - ΦB
ΦA at 16dB - ΦB at 16dB
Worst case difference in
phase with channels A and B
both set to DSA = 16dB
attenuation levels.
10
deg
[ΦA at XdB - ΦB at XdB] -
[ΦA at 16dB - ΦB at 16dB]
Worst case difference in
phase between the 16dB
DSA attenuation case and
any other state when the
DSAs are set to XdB. X = 16
± 2N, where N is an integer
ranging from 1 to 8.
2
Noise Figure at Room (25˚C) [d]
NFROOM
TEP = 25˚C
DSA = 0dB
5.5
7 [a]
dB
DSA = 14dB
8.7
DSA = 28dB
20
Noise Figure at Hot (105˚C) [d]
NFHOT
TEP = 105˚C
DSA = 0dB
7
dB
DSA = 14dB
10.5
DSA = 28dB
22
Noise Figure at Cold (-40˚C) [d]
NFCOLD
TEP = -40˚C
DSA = 0dB
4.2
dB
DSA = 14dB
7.3
DSA = 28dB
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com