Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F4481 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # F4481
Description  DIFF-In/SE-Out Quad Path TX DVGA 400MHz to 1100MHz
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4481 Datasheet(HTML) 5 Page - Renesas Technology Corp

  F4481 Datasheet HTML 1Page - Renesas Technology Corp F4481 Datasheet HTML 2Page - Renesas Technology Corp F4481 Datasheet HTML 3Page - Renesas Technology Corp F4481 Datasheet HTML 4Page - Renesas Technology Corp F4481 Datasheet HTML 5Page - Renesas Technology Corp F4481 Datasheet HTML 6Page - Renesas Technology Corp F4481 Datasheet HTML 7Page - Renesas Technology Corp F4481 Datasheet HTML 8Page - Renesas Technology Corp F4481 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
F4481 Datasheet
© 2020 Renesas Electronics Corporation
5
December 15, 2020
Pin Assignments
Figure 2. Pin Assignments for 8.0 × 8.0 × 0.65 mm 56-LGA Package – Top View
GND
RFIN_A+
RFIN_A-
GND
RFIN_B+
RFIN_B-
CLK
DATA
GND
STBY_B
NC
GND
RFOUT_B
RFIN_C+
RFIN_C-
GND
RFIN_D+
RFIN_D-
GND
GND
VCC_DIG
CSb
STBY_C
GND
RFOUT_C
GND
GND
GND
8mm x 8mm
3
4
5
6
7
1
2
33
34
35
36
37
38
39
9
10
11
12
13
32
30
31
29
8
14
40
41
42
EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com