Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8221 Datasheet(PDF) 120 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 120 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 116Page - Microsemi Corporation VSC8221 Datasheet HTML 117Page - Microsemi Corporation VSC8221 Datasheet HTML 118Page - Microsemi Corporation VSC8221 Datasheet HTML 119Page - Microsemi Corporation VSC8221 Datasheet HTML 120Page - Microsemi Corporation VSC8221 Datasheet HTML 121Page - Microsemi Corporation VSC8221 Datasheet HTML 122Page - Microsemi Corporation VSC8221 Datasheet HTML 123Page - Microsemi Corporation VSC8221 Datasheet HTML 124Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
120 of 123
123
28.3 MDiNT Timing
The following specifications are valid only when the i/O power supply (VDDiOMiCRO) is at either 3.3 V, ±5%, or 2.5 V, ±5%.
28.4 Serial LED_CLK and LED_DATA Timing
The following specifications are valid only when the i/O power supply (VDD33A) is at 3.3V, ±5%.
Figure 26. LED_CLK and LED_DATA Output AC Timing
Table 55. MDiNT Timing Specifications
Symbol
Min
Typ
Max
Unit
Parameter Description & Conditions
tF
110
ns
MDiNT fall time, assuming a 2.2 kΩ external
pull-up resistor and a 50 pF total capacitive load.
Table 56. Serial LED_CLK and LED_DATA Timing Specifications
Symbol
Min
Typ
Max
Unit
Parameter Description & Conditions
TLED_CLK
1
µs
LED_CLK output period.
TLED_CLK-Pause
25
ms
LED_CLK pause between LED bit sequence
repeat (un-preambled mode).
TLED_DATA-Delay
0.5
µs
LED_DATA propagation delay from rising edge
of LED_CLK.
LED_CLK
LED_DATA
T
LED_DATA-Delay
T
LED_CLK
T
LED_CLK-Pause
Bit 1 of 36
Bit 36 of 36
.......................
Bit 1 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com