Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP39F511A Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP39F511A
Description  AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511A Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP39F511A Datasheet HTML 15Page - Microchip Technology MCP39F511A Datasheet HTML 16Page - Microchip Technology MCP39F511A Datasheet HTML 17Page - Microchip Technology MCP39F511A Datasheet HTML 18Page - Microchip Technology MCP39F511A Datasheet HTML 19Page - Microchip Technology MCP39F511A Datasheet HTML 20Page - Microchip Technology MCP39F511A Datasheet HTML 21Page - Microchip Technology MCP39F511A Datasheet HTML 22Page - Microchip Technology MCP39F511A Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
 2018 Microchip Technology Inc.
DS20006044A-page 19
MCP39F511A
TABLE 4-7:
PAGE WRITE EEPROM COMMAND
Byte #
Value
Description
Response from MCP39F511A
1
0xA5
Header Byte
2
0x15
Number of Bytes in Frame
3
0x50
Command (Page Write EEPROM)
4
0x01
Page Number (e.g. 1)
5-20
*Data*
EEPROM Data (16 bytes/page)
21
Checksum
Checksum
ACK
TABLE 4-8:
BULK ERASE EEPROM COMMAND
Byte #
Value
Description
Response from MCP39F511A
1
0xA5
Header Byte
2
0x04
Number of Bytes in Frame
3
0x4F
Command (Bulk Erase EEPROM)
4
0xF8
Checksum
ACK
TABLE 4-9:
AUTO-CALIBRATE GAIN COMMAND
Byte #
Value
Description
Response from MCP39F511A
1
0xA5
Header Byte
2
0x04
Number of Bytes in Frame
3
0x5A
Command (Auto-Calibrate Gain)
4
0x03
Checksum
ACK (or NAK if unable to
calibrate)1
Note 1:
See Section 9.0 “MCP39F511A Calibration” for more information.
TABLE 4-10:
AUTO-CALIBRATE REACTIVE GAIN COMMAND
Byte #
Value
Description
Response from MCP39F511A
1
0xA5
Header Byte
2
0x04
Number of Bytes in Frame
3
0x7A
Command (Auto-Calibrate Reactive Gain)
4
0x23
Checksum
ACK (or NAK if unable to
calibrate)1
Note 1:
See Section 9.0 “MCP39F511A Calibration” for more information.
TABLE 4-11:
AUTO-CALIBRATE FREQUENCY COMMAND
Byte #
Value
Description
Response from MCP39F511A
1
0xA5
Header Byte
2
0x04
Number of Bytes in Frame
3
0x76
Command (Auto-Calibrate Frequency)
4
0x1F
Checksum
ACK (or NAK if unable to
calibrate)1
Note 1:
See Section 9.0 “MCP39F511A Calibration” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com