Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP39F511A Datasheet(PDF) 60 Page - Microchip Technology

Part # MCP39F511A
Description  AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511A Datasheet(HTML) 60 Page - Microchip Technology

Back Button MCP39F511A Datasheet HTML 56Page - Microchip Technology MCP39F511A Datasheet HTML 57Page - Microchip Technology MCP39F511A Datasheet HTML 58Page - Microchip Technology MCP39F511A Datasheet HTML 59Page - Microchip Technology MCP39F511A Datasheet HTML 60Page - Microchip Technology MCP39F511A Datasheet HTML 61Page - Microchip Technology MCP39F511A Datasheet HTML 62Page - Microchip Technology MCP39F511A Datasheet HTML 63Page - Microchip Technology MCP39F511A Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
MCP39F511A
DS20006044A-page 60
 2018 Microchip Technology Inc.
Microchip Technology Drawing C04-140C Sheet 2 of 2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
28-Lead Plastic Quad Flat, No Lead Package (MQ) – 5x5x0.9 mm Body [QFN or VQFN]
Dimension Limits
Units
D
Overall Width
Overall Length
Exposed Pad Length
Exposed Pad Width
Contact Thickness
D2
E2
E
3.35
MILLIMETERS
0.20 REF
MIN
A3
MAX
5.00 BSC
3.25
Contact Length
Contact Width
L
b
0.45
0.30
Notes:
1.
K
Contact-to-Exposed Pad
0.20
NOM
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
3.
2.
REF: Reference Dimension, usually without tolerance, for information purposes only.
Standoff
A1
0.02
Overall Height
A
0.90
Pitch
e
0.50 BSC
Number of Pins
N28
0.35
0.18
3.15
3.15
0.00
0.80
0.25
0.40
-
3.25
5.00 BSC
3.35
0.05
1.00
-
Pin 1 visual index feature may vary, but must be located within the hatched area.
Dimensioning and tolerancing per ASME Y14.5M.
Package is saw singulated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com