Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP39F511A Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP39F511A
Description  AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511A Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP39F511A Datasheet HTML 23Page - Microchip Technology MCP39F511A Datasheet HTML 24Page - Microchip Technology MCP39F511A Datasheet HTML 25Page - Microchip Technology MCP39F511A Datasheet HTML 26Page - Microchip Technology MCP39F511A Datasheet HTML 27Page - Microchip Technology MCP39F511A Datasheet HTML 28Page - Microchip Technology MCP39F511A Datasheet HTML 29Page - Microchip Technology MCP39F511A Datasheet HTML 30Page - Microchip Technology MCP39F511A Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
 2018 Microchip Technology Inc.
DS20006044A-page 27
MCP39F511A
5.9
Power Factor (PF)
Power factor is calculated by the ratio of P to S or active
power divided by apparent power.
EQUATION 5-5:
POWER FACTOR
The power factor reading is stored in a signed 16-bit
register (Power Factor). This register is a signed, 2's
complement register with the MSb representing the
polarity of the power factor. A positive power factor
means Active power is being imported, a negative
power factor represents export active power. The sign
of the reactive power component is used to tell if the
current is lagging the voltage, with a positive sign
meaning an inductive load and a negative sign
meaning capacitive. Each LSb is then equivalent to a
weight of 2-15. A maximum register value of 0x7FFF
corresponds to a power factor of 1. The minimum
register value of 0x8000 corresponds to a power factor
of -1.
5.10
Reactive Power (Q)
In the MCP39F511A device, reactive power is calcu-
lated using a 90 degree phase shift in the voltage chan-
nel. The same accumulation principles apply as with
active power where ACCU acts as the accumulator.
Any light load or residual power can be removed by
using the Offset Reactive Power register. Gain is cor-
rected by the Gain Reactive Power register. The final
output is an unsigned 32-bit value located in the
Reactive Power register.
Please note that although this register is unsigned, the
direction of the power can be determined by the
Reactive Power Sign bit in the system Status register.
FIGURE 5-5:
Reactive Power Calculation Signal Flow.
PF
P
S
---
=
OffsetReactivePower:s16
X
ACCU1
0
HPF
ReactivePower:u32
+
HPF (+90deg.)
X
GainReactivePower:u16
Range1,2:b32
2N-1
÷ 2N
÷2RANGE
i
v
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com