Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP39F511A Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP39F511A
Description  AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511A Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP39F511A Datasheet HTML 22Page - Microchip Technology MCP39F511A Datasheet HTML 23Page - Microchip Technology MCP39F511A Datasheet HTML 24Page - Microchip Technology MCP39F511A Datasheet HTML 25Page - Microchip Technology MCP39F511A Datasheet HTML 26Page - Microchip Technology MCP39F511A Datasheet HTML 27Page - Microchip Technology MCP39F511A Datasheet HTML 28Page - Microchip Technology MCP39F511A Datasheet HTML 29Page - Microchip Technology MCP39F511A Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
MCP39F511A
DS20006044A-page 26
 2018 Microchip Technology Inc.
5.6
Energy Accumulation
Energy accumulation for all four energy registers
(Import/Export, Active/Reactive) occurs at the end of
each computation cycle, if the energy accumulation
has been turned on. See Section 6.3 “System Status
Register”
on the Energy Control register. A no-load
threshold test is done to make sure the measured
energy is not below the no-load threshold, if it is above,
the accumulation occurs with a default energy
resolution of 1 mWh for all of the energy registers.
5.6.1
NO-LOAD THRESHOLD
The no-load threshold is set by modifying the value in
the No-Load Threshold register. The unit for this
register is power with a default resolution of 0.01W. The
default value is 100 or 1.00W. Any power that is below
1W will not be accumulated into any of the energy
registers.
5.7
Apparent Power (S)
This 32-bit register is the output register for the final
apparent power indication. It is the product of RMS
current and RMS voltage as shown in Equation 5-2.
EQUATION 5-2:
APPARENT POWER (S)
For scaling of the apparent power indication, the calcu-
lation engine uses the register Apparent Power Divisor
Digits. This is described in the following register opera-
tions, per Equation 5-3.
EQUATION 5-3:
APPARENT POWER (S)
5.8
Active Power (P)
The MCP39F511A has two simultaneous sampling A/D
converters. For the active power calculation, the
instantaneous current and instantaneous voltages are
multiplied together to create instantaneous power.
This instantaneous power is then converted to active
power by averaging or calculating the DC component.
Equation 5-4 controls the number of samples used in
this accumulation prior to updating the Active Power
output register.
Please note that although this register is unsigned, the
direction of the active power (import or export) can be
determined by the Active Power Sign bit located in the
System Status Register.
EQUATION 5-4:
ACTIVE POWER
FIGURE 5-4:
Active Power Calculation Signal Flow.
SI
RMS
V
RMS
=
S
CurrentRMS
VoltageRMS
10
AparentPowerDivisorDigits
-------------------------------------------------------------------
=
P
1
2
N
-------
V
k
I
k
k0
=
k2
N
1
–
=
=
OffsetActivePower:s16
X
ActivePower:u32
+
+
X
GainActivePower:u16
Range:b32
ACCU
0
2N
-1
÷ 2N
÷2RANGE
i
v



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com