Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP39F511A Datasheet(PDF) 40 Page - Microchip Technology

Part # MCP39F511A
Description  AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511A Datasheet(HTML) 40 Page - Microchip Technology

Back Button MCP39F511A Datasheet HTML 36Page - Microchip Technology MCP39F511A Datasheet HTML 37Page - Microchip Technology MCP39F511A Datasheet HTML 38Page - Microchip Technology MCP39F511A Datasheet HTML 39Page - Microchip Technology MCP39F511A Datasheet HTML 40Page - Microchip Technology MCP39F511A Datasheet HTML 41Page - Microchip Technology MCP39F511A Datasheet HTML 42Page - Microchip Technology MCP39F511A Datasheet HTML 43Page - Microchip Technology MCP39F511A Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
MCP39F511A
DS20006044A-page 40
 2018 Microchip Technology Inc.
REGISTER 7-1:
EVENT CONFIGURATION REGISTER
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
OVER-
TEMP_PIN2
OVER-
TEMP_PIN1
OVERTEMP_CL2
OVERTEMP_LA
OVER-
TEMP_TST
bit 31
bit 24
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
OVER-
POW_PIN2
OVER-
CUR_PIN2
VSURGE_PIN
2
VSAG_PIN2
OVER-
POW_PIN1
OVERCUR_PIN1
VSURGE_PIN1
VSAG_PIN1
bit 23
bit 16
R/W-0
R/W-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
EVENT2_MC
1
EVENT1_MC1
—
—
OVERCUR_CL2
OVERPOW_CL2
VSUR_CL2
VSAG_CL2
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
VSUR_LA
VSAG_LA
OVER-
POW_LA
OVERCUR_LA
VSUR_TST
VSAG_TST
OVERPOW_TST
OVERCUR_TST
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bits 31-29 Unimplemented: Read as ‘0’
bit 28
OVERTEMP_PIN2:
Event pin 2 operation for the Overtemperature event
1
= Event mapped to Event2 pin only
0
= Event not mapped to a pin (Default)
bit 27
OVERTEMP_PIN1:
Event pin 1 operation for the Overtemperature event
1
= Event mapped to Event1 pin only
0
= Event not mapped to a pin (Default)
bit 26
OVERTEMP_CL:
Reset or clear bit for the Overtemperature event (Note 2)
1
= Event is cleared
0
= Event is not cleared (Default)
bit 25
OVERTEMP_LA:
Latching control of the Overtemperature event
1
= Event is latched and needs to be cleared to be reset
0
= Event does not latch (Default)
bit 24
OVERTEMP_TST:
Test control of the Overtemperature event
1
= Simulated event is turned on
0
= Simulated event is turned off (Default)
bit 23
OVERPOW_PIN2:
Event pin 2 operation for the Overpower event
1
= Event mapped to Event2 pin only
0
= Event not mapped to a pin (Default)
bit 22
OVERCUR_PIN2:
Event pin 2 operation for the Overcurrent event
1
= Event mapped to Event2 pin only
0
= Event not mapped to a pin (Default)
bit 21
VSURGE_PIN2:
Event pin 2 operation for the Voltage Surge event
1
= Event mapped to Event2 pin only
0
= Event not mapped to a pin (Default)
bit 20
VSAG_PIN2:
Event pin 2 operation for the Voltage Sag event
1
= Event mapped to Event2 pin only
0
= Event not mapped to a pin (Default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com