Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP39F511A Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP39F511A
Description  AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511A Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP39F511A Datasheet HTML 28Page - Microchip Technology MCP39F511A Datasheet HTML 29Page - Microchip Technology MCP39F511A Datasheet HTML 30Page - Microchip Technology MCP39F511A Datasheet HTML 31Page - Microchip Technology MCP39F511A Datasheet HTML 32Page - Microchip Technology MCP39F511A Datasheet HTML 33Page - Microchip Technology MCP39F511A Datasheet HTML 34Page - Microchip Technology MCP39F511A Datasheet HTML 35Page - Microchip Technology MCP39F511A Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
MCP39F511A
DS20006044A-page 32
 2018 Microchip Technology Inc.
0x00BE
App Power Divisor Digits
5.7
R/W
u16
AppPowerDivisorDigits sets the RMS
(IRMS and VRMS) indications precision and
the desired precision for apparent power.
0x00C0
Accumulation Interval Parameter
5.2
R/W
u16
N for 2N number of line cycles to be used
during a single computation cycle
0xC2
PWM Period
8.2
R/W
u16
Input register controlling PWM period
0xC4
PWM Duty Cycle
8.3
R/W
u16
Input register controlling PWM duty cycle
0x00C6
MinMaxPointer1
5.12
R/W
u16
Address pointer for Min/Max 1 outputs
0x00C8
MinMaxPointer2
5.12
R/W
u16
Address pointer for Min/Max 2 outputs
0x00CA
Line Frequency Reference
9.6.1
R/W
u16
Reference value for the nominal line
frequency
0x00CC
Thermistor Voltage Calibration
9.7
R/W
u16
Thermistor calibration value for
temperature compensation of the
calculation engine
0x00CE
Voltage Sag Limit
7.2
R/W
u16
RMS voltage threshold at which an event
flag is recorded
0x00D0
Voltage Surge Limit
7.2
R/W
u16
RMS voltage threshold at which an event
flag is recorded
0x00D2
Over Current Limit
7.2
R/W
u32
RMS current threshold at which an event
flag is recorded
0x00D6
Over Power Limit
7.2
R/W
u32
Active power limit at which an event flag is
recorded
0x00DA
Overtemperature Limit
7.2.1
R/W
u16
Limit at which an overtemperature event
flag is recorded
0x00DC
Voltage Low Threshold
7.3
R/W
u16
Input voltage save to EE Low threshold
0x00DE
Voltage High Threshold
7.3
R/W
u16
Input voltage Save to EE High threshold
0x00E0
No Load Threshold
5.6.1
R/W
u16
No load threshold for energy counting
TABLE 6-1:
MCP39F511A REGISTER MAP (CONTINUED)
Address
Register Name
Section
Number
Read/
Write
Data
Type
Description
Note 1:
The registers are unsigned, however their sign is kept as a separate bit in the System Status register.
2:
These registers are reserved for EMI filter compensation when necessary for power supply monitoring.
They may require specific adjustment depending on PSU parameters, please contact the local Microchip
office for further support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com