Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP39F511A Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP39F511A
Description  AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511A Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP39F511A Datasheet HTML 26Page - Microchip Technology MCP39F511A Datasheet HTML 27Page - Microchip Technology MCP39F511A Datasheet HTML 28Page - Microchip Technology MCP39F511A Datasheet HTML 29Page - Microchip Technology MCP39F511A Datasheet HTML 30Page - Microchip Technology MCP39F511A Datasheet HTML 31Page - Microchip Technology MCP39F511A Datasheet HTML 32Page - Microchip Technology MCP39F511A Datasheet HTML 33Page - Microchip Technology MCP39F511A Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
MCP39F511A
DS20006044A-page 30
 2018 Microchip Technology Inc.
Calibration Registers (AC mode)
0x004E
Calibration Register
Delimiter
9.8
R/W
u16
May be used to initiate loading of the
default calibration coefficients at start-up
0x0050
Gain Current RMS
9.3.1
R/W
u16
Gain calibration factor for RMS current
(AC mode)
0x0052
Gain Voltage RMS
9.3.1
R/W
u16
Gain calibration factor for RMS voltage
(AC mode)
0x0054
Gain Active Power
9.3.1
R/W
u16
Gain calibration factor for active power
(AC mode)
0x0056
Gain Reactive Power
9.3
R/W
u16
Gain calibration factor for reactive power
(AC mode)
0x0058
Reserved
—
—
u16
Reserved
0x005A
Offset Current RMS
9.5.1
R/W
s16
Offset calibration factor for RMS current
(AC mode)
0x005C
Offset Active Power
9.5.1
R/W
s16
Offset calibration factor for active power
(AC mode)
0x005E
Offset Reactive Power
9.5.1
R/W
s16
Offset calibration factor for reactive power
(AC mode)
0x0060
Gain Line Frequency
9.6.1
R/W
u16
Gain calibration factor for line frequency
(AC mode)
0x0062
Phase Compensation
9.4
R/W
s16
Phase Compensation (AC Mode)
EMI Filter Compensation Registers (Note 2)
0x0064
VoltageDropComp
9.8
R/W
u16
Voltage drop compensation
(DC and AC mode)
0x0066
InCapCurrentComp
9.8
R/W
u16
Input capacitor current compensation
(AC mode)
0x0068
RangeVdropInCapComp
9.8
R/W
u16
Scaling factors for the voltage drop and
input capacitor current compensation
0x006A
Reserved
—
—
u16
Reserved
Calibration Registers (DC mode)
0x006C
DC Gain Current RMS
9.3.1
R/W
u16
Gain calibration factor for RMS current
(DC mode)
0x006E
DC Gain Voltage RMS
9.3.1
R/W
u16
Gain calibration factor for RMS voltage
(DC mode)
0x0070
DC Gain Active Power
9.3.1
R/W
u16
Gain calibration factor for active power
(DC mode)
0x0072
DC Offset Current RMS
9.5.1
R/W
s16
Offset calibration factor for RMS current
(DC mode)
0x0074
DC Offset Active Power
9.5.1
R/W
s16
Offset calibration factor for active power
(DC mode)
0x0076
Reserved
—
—
u16
Reserved
0x0078
Reserved
—
—
u16
Reserved
TABLE 6-1:
MCP39F511A REGISTER MAP (CONTINUED)
Address
Register Name
Section
Number
Read/
Write
Data
Type
Description
Note 1:
The registers are unsigned, however their sign is kept as a separate bit in the System Status register.
2:
These registers are reserved for EMI filter compensation when necessary for power supply monitoring.
They may require specific adjustment depending on PSU parameters, please contact the local Microchip
office for further support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com