Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP39F511A Datasheet(PDF) 46 Page - Microchip Technology

Part # MCP39F511A
Description  AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511A Datasheet(HTML) 46 Page - Microchip Technology

Back Button MCP39F511A Datasheet HTML 42Page - Microchip Technology MCP39F511A Datasheet HTML 43Page - Microchip Technology MCP39F511A Datasheet HTML 44Page - Microchip Technology MCP39F511A Datasheet HTML 45Page - Microchip Technology MCP39F511A Datasheet HTML 46Page - Microchip Technology MCP39F511A Datasheet HTML 47Page - Microchip Technology MCP39F511A Datasheet HTML 48Page - Microchip Technology MCP39F511A Datasheet HTML 49Page - Microchip Technology MCP39F511A Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
MCP39F511A
DS20006044A-page 46
 2018 Microchip Technology Inc.
9.0
MCP39F511A CALIBRATION
9.1
Overview
Calibration compensates for the ADC gain error,
component tolerances and overall noise in the system.
The device provides an on-chip calibration algorithm
that allows simple system calibration to be performed
quickly. The excellent analog performance of the
A/D converters on the MCP39F511A allows for a
single-point calibration and a single calibration
command to achieve accurate measurements in AC
mode. In DC mode, offset calibration is usually
required.
Calibration can be done by either using the predefined
Auto-Calibration commands, or by writing directly to the
calibration registers. If additional calibration points are
required (AC offset, phase compensation, DC offset),
the corresponding calibration registers are available to
the user and will be described separately in this
section.
9.2
Calibration Order
The proper steps for calibration need to be maintained.
Here is a summary on the order of calibration steps:
In AC mode
1.
Line Frequency Calibration
2.
Gain Calibration at PF=1
3.
Phase Calibration at PF=0.5 (optional)
4.
Reactive Gain Calibration at PF=0.5
In DC mode
1.
Offset Calibration
2.
Gain Calibration
9.3
Single-Point Gain Calibrations at
Unity Power Factor
When using the device in AC mode with the high-pass
filters turned on, most offset errors are removed and
only a single-point gain calibration is required.
Setting the gain registers to properly produce the
desired outputs can be done manually by writing to the
appropriate register. The alternative method is to use
the auto-calibration commands described in this
section.
9.3.1
USING THE AUTO-CALIBRATION
GAIN COMMAND
By applying stable reference voltages and currents that
are equivalent to the values that reside in the target
Calibration Current, Calibration Voltage and Calibration
Active Power registers, the Auto-Calibration
Gain
command can then be issued to the device.
After a successful calibration (response = ACK), a
Save Registers to Flash
command can then be
issued to save the calibration constants calculated by
the device.
The
following
registers
are
set
when
the
Auto-Calibration Gain
command is issued:
AC mode
• Gain Current RMS
• Gain Voltage RMS
• Gain Active Power
DC Mode
• DC Gain Current RMS
• DC Gain Voltage RMS
• DC Gain Active Power
When this command is issued, the MCP39F511A
attempts to match the expected values to the mea-
sured values for all three output quantities by changing
the gain register based on the following formula:
EQUATION 9-1:
The same formula applies for voltage RMS, current
RMS and active power. Since the gain registers for all
three quantities are 16-bit numbers, the ratio of the
expected value to the measured value (which can be
modified by changing the Range register) and the
previous gain must be such that the equation yields a
valid number. Here the limits are set to be from 25,000
to 65,535. A new gain within this range for all three
limits will return an ACK for a successful calibration,
otherwise the command returns a NAK for a failed
calibration attempt.
It is the user’s responsibility to ensure that the proper
range settings, PGA settings and hardware design
settings are correct to allow for successful calibration
using this command.
The value of the Thermistor Voltage register is auto-
matically transfered to the Ambient Temperature Ref-
erence Voltage register after executing the command.
This value is used internally by the temperature
compensation algorithm, if enabled.
GAIN
NEW
GAIN
OLD
Expected
Measured
--------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com