Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP39F511A Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP39F511A
Description  AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511A Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP39F511A Datasheet HTML 32Page - Microchip Technology MCP39F511A Datasheet HTML 33Page - Microchip Technology MCP39F511A Datasheet HTML 34Page - Microchip Technology MCP39F511A Datasheet HTML 35Page - Microchip Technology MCP39F511A Datasheet HTML 36Page - Microchip Technology MCP39F511A Datasheet HTML 37Page - Microchip Technology MCP39F511A Datasheet HTML 38Page - Microchip Technology MCP39F511A Datasheet HTML 39Page - Microchip Technology MCP39F511A Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
MCP39F511A
DS20006044A-page 36
 2018 Microchip Technology Inc.
bit 15-13
UART<2:0>:
UART Baud Rate bits (Note 1)
111
= 1200
110
= 2400
101
= 4800
100
= 9600 (Default)
011
= 19200
010
= 38400
001
= 57600
000
= 115200
bit 12
ZCD_INV:
Zero Crossing Detection Output Inverse
1
= ZCD is inverted
0
= ZCD is not inverted (Default)
bit 11
ZCD_PULS:
Zero Crossing Detection Pulse mode
1
= ZCD output is 100 µs pulses on zero crossings
0
= ZCD Output changes logic state on zero crossings (Default)
bit 10
ZCD_OUTPUT_DIS:
Disable the Zero Crossing output pin
1
= ZCD output is disabled
0
= ZCD output is enabled (Default)
bit 9
Unimplemented:
Read as ‘0’
bit 8
SINGLE_WIRE:
Single-Wire Enable bit
1
= Single-wire transmission is enabled
0
= Single-wire transmission is disabled (Default)
bit 7
TEMPCOMP:
Temperature-Compensation Enable bit
1
= Temperature compensation is enabled
0
= Temperature compensation is disabled (Default)
bit 6-5
RESET <1:0>:
Reset mode setting for ADCs
11
= Both I1 and V1 are in Reset mode
10
= V1 ADC is in Reset mode
01
= I1 ADC is in Reset mode
00
= Neither ADC is in Reset mode (Default)
bit 4-3
SHUTDOWN <1:0>:
Shutdown mode setting for ADCs
11
= Both I1 and V1 are in Shutdown
10
= V1 ADC is in Shutdown
01
= I1 ADC is in Shutdown
00
= Neither ADC is in Shutdown (Default)
bit 2
VREFEXT:
Internal Voltage Reference Shutdown Control
1
= Internal Voltage Reference Disabled
0
= Internal Voltage Reference Enabled (Default)
bit 1
PWM_CNTRL:
PWM Control
1
= PWM is turned on
0
= PWM is turned off (Default)
bit 0
ENRG_CNTRL:
Energy Accumulation Control bit
1
= Energy is ON and all registers are accumulating
0
= Energy accumulation is turned off and all energy accumulation registers are reset to 0 (Default)
Note 1:
The baud rate is only changed at system power-up, so a Save To Flash command is required after
changing the baud rate.
REGISTER 6-2:
SYSTEM CONFIGURATION REGISTER (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com