Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 155 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 155 Page - NEC

Back Button VR4102 Datasheet HTML 151Page - NEC VR4102 Datasheet HTML 152Page - NEC VR4102 Datasheet HTML 153Page - NEC VR4102 Datasheet HTML 154Page - NEC VR4102 Datasheet HTML 155Page - NEC VR4102 Datasheet HTML 156Page - NEC VR4102 Datasheet HTML 157Page - NEC VR4102 Datasheet HTML 158Page - NEC VR4102 Datasheet HTML 159Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 701 page
background image
CHAPTER 5 MEMORY MANAGEMENT SYSTEM
155
5.5.10 TLB Misses
If there is no TLB entry that matches the virtual address, a TLB Refill (miss) exception occurs
Note. If the access
control bits (D and V) indicate that the access is not valid, a TLB Modified or TLB Invalid exception occurs. If the C
bit is 010, the retrieved physical address directly accesses main memory, bypassing the cache.
Note
See Chapter 6 for details of the TLB Miss exception.
5.5.11 TLB Instructions
The instructions used for TLB control are described below.
(1) Translation lookaside buffer probe (TLBP)
The translation lookaside buffer probe (TLBP) instruction loads the Index register with a TLB number that
matches the content of the EntryHi register. If there is no TLB number that matches the TLB entry, the highest-
order bit of the Index register is set.
(2) Translation lookaside buffer read (TLBR)
The translation lookaside buffer read (TLBR) instruction loads the EntryHi, EntryLo0, EntryLo1, and PageMask
registers with the content of the TLB entry indicated by the content of the Index register.
(3) Translation lookaside buffer write index (TLBWI)
The translation lookaside buffer write index (TLBWI) instruction writes the contents of the EntryHi, EntryLo0,
EntryLo1, and PageMask registers to the TLB entry indicated by the content of the Index register.
(4) Translation lookaside buffer write random (TLBWR)
The translation lookaside buffer write random (TLBWR) instruction writes the contents of the EntryHi, EntryLo0,
EntryLo1, and PageMask registers to the TLB entry indicated by the content of the Random register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com