Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 159 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 159 Page - NEC

Back Button VR4102 Datasheet HTML 155Page - NEC VR4102 Datasheet HTML 156Page - NEC VR4102 Datasheet HTML 157Page - NEC VR4102 Datasheet HTML 158Page - NEC VR4102 Datasheet HTML 159Page - NEC VR4102 Datasheet HTML 160Page - NEC VR4102 Datasheet HTML 161Page - NEC VR4102 Datasheet HTML 162Page - NEC VR4102 Datasheet HTML 163Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 701 page
background image
CHAPTER 6 EXCEPTION PROCESSING
159
6.3 EXCEPTION PROCESSING REGISTERS
This section describes the CP0 registers that are used in exception processing. Table 6-1 lists these registers,
along with their number-each register has a unique identification number that is referred to as its register number.
The CP0 registers not listed in the table are used in memory management (see Chapter 5 for details).
The exception handler examines the CP0 registers during exception processing to determine the cause of the
exception and the state of the CPU at the time the exception occurred.
The registers in Table 6-1 are used in exception processing, and are described in the sections that follow.
Table 6-1. CP0 Exception Processing Registers
Register name
Register number
Context register
4
BadVAddr register
8
Count register
9
Compare register
11
Status register
12
Cause register
13
EPC register
14
WatchLo register
18
WatchHi register
19
XContext register
20
Parity Error register
26
Cache Error register
27
ErrorEPC register
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com