Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 158 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 158 Page - NEC

Back Button VR4102 Datasheet HTML 154Page - NEC VR4102 Datasheet HTML 155Page - NEC VR4102 Datasheet HTML 156Page - NEC VR4102 Datasheet HTML 157Page - NEC VR4102 Datasheet HTML 158Page - NEC VR4102 Datasheet HTML 159Page - NEC VR4102 Datasheet HTML 160Page - NEC VR4102 Datasheet HTML 161Page - NEC VR4102 Datasheet HTML 162Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 701 page
background image
CHAPTER 6 EXCEPTION PROCESSING
158
(2) Operating mode
The operating mode is specified by KSU bit in the Status register when both the exception level and error level
are normal (0).
(3) Exception/error levels
The operation enters Kernel mode when either EXL bit or ERL bit in the Status register is set to 1. Returning
from an exception resets the exception level to normal (0) (for details, see Chapter 27).
The registers that retain address, cause, and status information during exception processing are described in 6.3
EXCEPTION PROCESSING REGISTERS. For a description of the exception process, see 6.4 DETAILS OF
EXCEPTIONS.
6.2 PRECISION OF EXCEPTIONS
VR4102 exceptions are logically precise; the instruction that causes an exception and all those that follow it are
aborted and can be re-executed after servicing the exception. When succeeding instructions are killed, exceptions
associated with those instructions are also killed. Exceptions are not taken in the order detected, but in instruction
fetch order.
There is a special case in which the VR4102 processor may not be able to restart easily after servicing an
exception. When a cache data parity error exception occurs on a load with a cache hit, the VR4102 processor does
not prevent the cache data (with erroneous parity) from being written back into the register file during the WB stage.
The exception is still precise, since both the EPC and CacheError registers are updated with the correct virtual
address pointing to the offending load instruction, and the exception handler can still determine the cause of
exception and its origin. The program can be restarted by rewriting the destination register - not automatically,
however, as in the case of all the other precise exceptions where no status change occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com