Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8082ES Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE8082ES
Description  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE8082ES Datasheet HTML 20Page - Infineon Technologies AG TLE8082ES Datasheet HTML 21Page - Infineon Technologies AG TLE8082ES Datasheet HTML 22Page - Infineon Technologies AG TLE8082ES Datasheet HTML 23Page - Infineon Technologies AG TLE8082ES Datasheet HTML 24Page - Infineon Technologies AG TLE8082ES Datasheet HTML 25Page - Infineon Technologies AG TLE8082ES Datasheet HTML 26Page - Infineon Technologies AG TLE8082ES Datasheet HTML 27Page - Infineon Technologies AG TLE8082ES Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
5.1.5
5 V Communication supply
The output COM5V of the 5 V communication supply follows the voltage level at pin V5VI. The communication
supply is supplied out of pin V6VI.
The output is protected against overload (e.g short to GND) and overtemperature. In case of an overcurrent, the
output current is limited and the diagnosis bit is set. The diagnosis bit is cleared with a readout of register
DIAG0 if no overcurrent is present anymore.
The 5 V communication supply is designed for low battery operation (see Communication supply low drop
resistance).
The 5 V communication supply can be deactivated through SPI configuration of bit T5VEN in the CONFIG
register.
A capacitor, at the pin COM5V is recommended for stable operation and ripple reduction.
5.2
Voltage monitoring
The TLE8082ES implements an undervoltage detection and overvoltage detection at pins V5VI, T5V and COM5V.
All undervoltage and overvoltage diagnosis bits are located in the register DIAG0.
The V5VI undervoltage detection monitors the pin V5VI. Two thresholds are implemented, one for rising
voltages and one for falling voltages. For falling voltages the diagnosis bit is set if the voltage level is below
the V5VI Undervoltage detection threshold 2. If the voltage level is above V5VI Undervoltage detection
threshold 1, the diagnosis bit is reset after an SPI read out. An Undervoltage detection filter time is
implemented. In case of an undervoltage, the V5VI undervoltage reset is triggered (see Chapter 4.2).
The V5VI overvoltage detection monitors the pin V5VI. For voltage levels above V5VI Overvoltage detection
threshold, the diagnosis bit is set. If the voltage level is below the threshold, the diagnosis bit is reset
after an SPI read out. An Overvoltage detection hysteresis and an Overvoltage detection filter time are
implemented.
The T5V undervoltage detection monitors the pin T5V. For voltage levels below the T5V Undervoltage
detection threshold, the diagnosis bit is set. If the voltage level is above the threshold, the diagnosis bit
is reset after an SPI read out. An Undervoltage detection hysteresis and an Undervoltage detection filter
time are implemented.
The T5V overvoltage detection monitors the pin T5V. For voltage levels above the T5V Overvoltage detection
threshold, the diagnosis bit is set. If the voltage level is below the threshold, the diagnosis bit is reset
after an SPI read out. An Overvoltage detection hysteresis and an Overvoltage detection filter time are
implemented.
The COM5V undervoltage detection monitors the pin COM5V. For voltage levels below the COM5V Undervoltage
detection threshold the diagnosis bit is set. If the voltage level is above the threshold, the diagnosis bit is reset
after an SPI read out. An Undervoltage detection hysteresis and an Undervoltage detection filter time are
implemented.
The COM5V overvoltage detection monitors the pin COM5V. For voltage levels above the COM5V Overvoltage
detection threshold the diagnosis bit is set. If the voltage level is below the threshold, the diagnosis bit is
reset after an SPI read out. An Overvoltage detection hysteresis and an Overvoltage detection filter time are
implemented.
TLE8082ES
Small engine management IC
Power supply and voltage monitoring function
Datasheet
24
Rev. 1.0
2021-03-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com