Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8082ES Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # TLE8082ES
Description  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button TLE8082ES Datasheet HTML 34Page - Infineon Technologies AG TLE8082ES Datasheet HTML 35Page - Infineon Technologies AG TLE8082ES Datasheet HTML 36Page - Infineon Technologies AG TLE8082ES Datasheet HTML 37Page - Infineon Technologies AG TLE8082ES Datasheet HTML 38Page - Infineon Technologies AG TLE8082ES Datasheet HTML 39Page - Infineon Technologies AG TLE8082ES Datasheet HTML 40Page - Infineon Technologies AG TLE8082ES Datasheet HTML 41Page - Infineon Technologies AG TLE8082ES Datasheet HTML 42Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 61 page
background image
7.3.2
Priority of diagnosis bit setting
The diagnosis bits OxDIA in register DIAG1 are set according to the diagnosis information .
In OFF-state, open load and short to GND diagnosis information are available. In ON-State, overcurrent
protection and short to battery diagnosis information are available.
To avoid conflicts, the setting of the diagnosis bits is performed according to the priorites below:
1.
short to battery (highest priority)
2.
open load
3.
short to GND (lowest priority)
In case of a parallel diagnostic condition, the bit with higher priority is set. The information on the occurrence
of a diagnosis condition with lower priority is lost.
The diagnosis bits are set to the actual diagnosis status of the device by a read command via SPI.
7.4
Electrical characteristics power stages
Table 24
Electrical characteristics power stages
TJ = -40°C to 150°C; VVS = 10 - 18 V; VV5VI = 5 V; all voltages with respect to AGND = PGND, positive current flowing
into pin (unless otherwise specified).
Parameter
Symbol
Values
Unit
Note or condition
P-Number
Min. Typ. Max.
Operation
current OUT1
and OUT2
IOUT1,2,op
–
–
2.6
A
DS-202
Operation
current OUT3
IOUT3,op
–
–
3.3
A
DS-289
Operation
current OUT4
IOUT4,op
–
–
4.5
A
DS-203
On resistance
OUT1 and
OUT2
ROUT1,2,on –
–
0.7
Ω
DS-204
On resistance
OUT3
ROUT3,on
–
–
410
mΩ
DS-283
On resistance
OUT4
ROUT4,on
–
–
350
mΩ
DS-205
Output
clamping
voltage OUT1
and 2
Vcl1
50
–
60
V
IOUTx = 20 mA
DS-206
Output
clamping
voltage OUT3
and 4
Vcl2
35
–
45
V
IOUTx = 20 mA
DS-207
Current
measuremen
t range OUT4
IOUT4,meas 0.02 –
4.5
A
DS-208
TLE8082ES
Small engine management IC
Power stages
Datasheet
38
Rev. 1.0
2021-03-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com