Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8082ES Datasheet(PDF) 48 Page - Infineon Technologies AG

Part # TLE8082ES
Description  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES Datasheet(HTML) 48 Page - Infineon Technologies AG

Back Button TLE8082ES Datasheet HTML 44Page - Infineon Technologies AG TLE8082ES Datasheet HTML 45Page - Infineon Technologies AG TLE8082ES Datasheet HTML 46Page - Infineon Technologies AG TLE8082ES Datasheet HTML 47Page - Infineon Technologies AG TLE8082ES Datasheet HTML 48Page - Infineon Technologies AG TLE8082ES Datasheet HTML 49Page - Infineon Technologies AG TLE8082ES Datasheet HTML 50Page - Infineon Technologies AG TLE8082ES Datasheet HTML 51Page - Infineon Technologies AG TLE8082ES Datasheet HTML 52Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
9.6
Electrical characteristics SPI
Table 26
Electrical characteristics SPI
TJ = -40°C to 150°C; VVS = 10 - 18 V; VV5VI = 5 V; all voltages with respect to AGND = PGND, positive current flowing
into pin (unless otherwise specified).
Parameter
Symbol
Values
Unit
Note or condition
P-Number
Min. Typ. Max.
SPI SCK
frequency
fSCK
–
–
10
MHz
DS-250
SPI SCK high
time
tSCK(high)
37
–
–
ns
DS-251
SPI SCK low
time
tSCK(low)
37
–
–
ns
DS-252
SPI CSN
enable lead
time
tCSN(lead)
35
–
–
ns
DS-253
SPI CSN
enable lag
time
tCSN(lag)
25
–
–
ns
DS-254
SPI
sequential
transfer
delay time
tCSN(td)
500
–
–
ns
DS-255
SPI SI data
setup time
tSI(setup)
20
–
–
ns
DS-256
SPI SI data
hold time
tSI(hold)
20
–
–
ns
DS-257
SPI SO
enable time
tSO(enable) 0
–
50
ns
From CSN falling edge to SO high or low.
Output load capacitance on SO pin is
≤ 60 pF.
DS-258
SPI SO
disable time
tSO(disable) –
–
100
ns
From CSN rising edge to SO hi-Z.
Output load capacitance on SO pin is
≤ 60 pF.
DS-259
SPI SO data
valid time
tSO(valid)
0
–
30
ns
Output load capacitance on SO pin is
≤ 60 pF.
DS-260
SPI SO rise
and fall time
tSO(rise;fall) –
–
20
ns
Output load capacitance on SO pin is
≤ 30 pF.
DS-261
SPI SO
tristate
current
ISO(tristate) -10
–
10
µA
DS-262
TLE8082ES
Small engine management IC
Serial Peripheral Interface (SPI)
Datasheet
48
Rev. 1.0
2021-03-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com