Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8082ES Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE8082ES
Description  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE8082ES Datasheet HTML 7Page - Infineon Technologies AG TLE8082ES Datasheet HTML 8Page - Infineon Technologies AG TLE8082ES Datasheet HTML 9Page - Infineon Technologies AG TLE8082ES Datasheet HTML 10Page - Infineon Technologies AG TLE8082ES Datasheet HTML 11Page - Infineon Technologies AG TLE8082ES Datasheet HTML 12Page - Infineon Technologies AG TLE8082ES Datasheet HTML 13Page - Infineon Technologies AG TLE8082ES Datasheet HTML 14Page - Infineon Technologies AG TLE8082ES Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
Integrated protection functions are designed to prevent IC destruction under fault conditions
described in the data sheet. Fault conditions are considered as “outside” normal operating range.
Protection functions are not designed for continuous repetitive operation.
3.2
Electrostatic Discharge Robustness
Table 3
Electrostatic Discharge Robustness
Parameter
Symbol
Values
Unit
Note or condition
P-Number
Min. Typ. Max.
HBM ESD
robustness
for global
pins
VHBM,glo
-4
–
4
kV
acc. ANSI/ESDA/JEDEC JS-001 (1.5 kΩ,
100 pF)
for pins VS, V6VI, T5V, KEY, OUT1-4 to PGND
DS-58
HBM ESD
robustness
for local pins
VHBM,loc
-2
–
2
kV
acc. ANSI/ESDA/JEDEC JS-001 (1.5 kΩ,
100 pF)
remaining pins
DS-59
CDM ESD
robustness
corner pins
VCDM,cor
-750 –
750
V
acc. JESD22-C101
corner pins 1, 12, 13, 24
DS-60
CDM ESD
robustness
remaining
pins
VCDM
-500 –
500
V
acc. JESD22-C101
remaining pins
DS-61
Note:
A "local" pin carries a signal or power which does not leave the application board. It remains on the
application PCB as a signal between two components.
A "global" pin carries a signal or power which enters or leaves the application board without any
active component in between.
3.3
Thermal resistance
Table 4
Thermal resistance
Parameter
Symbol
Values
Unit
Note or condition
P-Number
Min. Typ. Max.
Thermal
resistance
junction to
case
Rth,j-c
–
1.3
1.5
K/W
DS-288
TLE8082ES
Small engine management IC
General product characteristics
Datasheet
11
Rev. 1.0
2021-03-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com