| Electronic Components Datasheet Search |
|
TLE8082ES Datasheet(PDF) 32 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8082ES Datasheet(HTML) 32 Page - Infineon Technologies AG |
|
32 / 61 page ![]() Table 21 Watchdog state machine Watchdog state Description WD inactive In the "WD inactive" state the watchdog is waiting for the first WD command after a reset. The configuration of the watchdog was set by the prior occurred reset to the default state after a reset according to the definition in Chapter 4.1. Decrement WD error counter after reset In this state the error counter is decremented by 1. This state is active only once after a reset. Increment WD error counter after reset In this state the error counter is incremented by 1. This state is active only once after a reset. Start watchdog period In this state the watchdog period is started with the closed window and the setup according to the watchdog configuration. Wait for WD command In this state, the watchdog period is active until a watchdog command is received (via SPI) or the watchdog period is expired. Timing and command check In this state, the timing and the command are checked. The watchdog diagnosis error bits WDTO, WDCE and WDERR are set according to the status of the watchdog period and the watchdog check command bit WDC. Increment WD error counter In this state the WD error counter is incremented by 1. Decrement WD error counter In this state the WD error counter is decremented by 1. Table 22 Watchdog state machine transitions State Event or condition for transition to target state Target state Notes Reset acc. Operation states WD inactive see Chapter 4.1 WD inactive WD command: WDC=10 Decrement WD error counter after reset WD inactive WD command: WDC≠10 Increment WD error counter after reset Decrement WD error counter after reset not event triggered Start watchdog period no condition or event needed for transition, only decrement must be performed for automatic transition Increment WD error counter after reset not event triggered Start watchdog period no condition or event needed for transition, only increment must be performed for automatic transition Start watchdog period not event triggered Wait for WD check command no condition or event needed for transition, only watchdog period started for automatic transition TLE8082ES Small engine management IC Watchdog Datasheet 32 Rev. 1.0 2021-03-23 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |