Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8082ES Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE8082ES
Description  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE8082ES Datasheet HTML 11Page - Infineon Technologies AG TLE8082ES Datasheet HTML 12Page - Infineon Technologies AG TLE8082ES Datasheet HTML 13Page - Infineon Technologies AG TLE8082ES Datasheet HTML 14Page - Infineon Technologies AG TLE8082ES Datasheet HTML 15Page - Infineon Technologies AG TLE8082ES Datasheet HTML 16Page - Infineon Technologies AG TLE8082ES Datasheet HTML 17Page - Infineon Technologies AG TLE8082ES Datasheet HTML 18Page - Infineon Technologies AG TLE8082ES Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
4.1.2
Sleep state
In the Sleep state, the TLE8082ES is inactive. The current consumption in Sleep state at pin VS is VS sleep
current.
Table 7
Sleep state
Function
Status
Note
Pre-regulator; 5 V Sensor supply, 5 V
Communication supply
disabled
no internal supply available
Power stages
disabled
SPI
no communication
Register
reset
Watchdog
reset
Key input pin KEY
low
driven from outside
Reset output pin NRIO
not defined
no internal supply available
TLE8082ES
Small engine management IC
Operation behavior
Datasheet
15
Rev. 1.0
2021-03-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com