Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8082ES Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE8082ES
Description  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE8082ES Datasheet HTML 12Page - Infineon Technologies AG TLE8082ES Datasheet HTML 13Page - Infineon Technologies AG TLE8082ES Datasheet HTML 14Page - Infineon Technologies AG TLE8082ES Datasheet HTML 15Page - Infineon Technologies AG TLE8082ES Datasheet HTML 16Page - Infineon Technologies AG TLE8082ES Datasheet HTML 17Page - Infineon Technologies AG TLE8082ES Datasheet HTML 18Page - Infineon Technologies AG TLE8082ES Datasheet HTML 19Page - Infineon Technologies AG TLE8082ES Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
4.1.3
Wake-up state
In the Wake-up state, all function of the TLE8082ES are ramping up.
Table 8
Wake-up state
Function
Status
Note
Pre-regulator, 5 V Sensor supply, 5 V
Communication supply
ramp up
Sensor and communication supply
referring to voltage at pin V5VI
Power stages
disabled
SPI
no communication
Register
reset
Key input pin KEY
high
driven from outside
Reset output pin NRIO
active low
after V5VI supply ramp up;
pull down transistor driven by V5VI
supply
4.1.4
Power on reset (POR) state
In the POR state, the pin NRIO is kept low for the Power On reset time.
Table 9
POR state
Function
Status
Note
Pre-regulator, 5 V Sensor supply, 5 V
Communication supply
ramped up
output voltage according to Electrical
characteristics external supplies
(see Table 19)
Power stages
disabled
SPI
no communication
Register
reset
Watchdog
reset
Key input pin KEY
high
driven from outside
Reset output pin NRIO
active low
pull down transistor driven by V5VI
supply
TLE8082ES
Small engine management IC
Operation behavior
Datasheet
16
Rev. 1.0
2021-03-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com