| Electronic Components Datasheet Search |
|
TLE8082ES Datasheet(PDF) 37 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8082ES Datasheet(HTML) 37 Page - Infineon Technologies AG |
|
37 / 61 page ![]() 7.3.1 Diagnosis in OFF-state All low-side output stages provide open load diagnosis in OFF-state. All low-side output power stages provide a short to GND diagnosis in OFF-state. A pull-up current source, a pull-down current source and two detection thresholds are implemented for each output OFF-state diagnosis. A short to GND in OFF-state is detected if the output voltage level is below the Diagnosis in off threshold low for a time longer than the specified filter time (Diagnosis in off filter time OUT1 and OUT2, Diagnosis in off filter time OUT3 and OUT4). An open load in OFF-state is detected if the output voltage level is between the Diagnosis in off threshold low and the Diagnosis in off threshold high for a time longer than specified filter time (Diagnosis in off filter time OUT1 and OUT2, Diagnosis in off filter time OUT3 and OUT4). In case of an OFF-state diagnosis detection condition, the respective diagnosis bit in register Diag1 is set. The diagnosis bits are reset after a readout of register Diag1 if no fault condition is present. VOUTx Vth,off,high Vth,off,low ON OFF tfilx,off Register Diag1 OXDIA No failure Short to GND Open load Short to GND (if Diag was read) Open load No failure (if Diag1 was read) tfilx,off tfilx,off tfilx,off tfilx,off tfilx,off Figure 9 Short circuit to GND and open load diagnostic function timings (overview only) The pull current sources are implemented to define the output voltage level in case of an open load in between the two thresholds. IOUTn 0 Ipu,off min VBAT VOUTn Normal operation Open load Short to GND Vth,off,high Vth,off,low Ipu,off max Ipd,off max Idpd,off min Figure 10 Diagnosis current behavior over output voltage TLE8082ES Small engine management IC Power stages Datasheet 37 Rev. 1.0 2021-03-23 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |