Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8082ES Datasheet(PDF) 59 Page - Infineon Technologies AG

Part # TLE8082ES
Description  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES Datasheet(HTML) 59 Page - Infineon Technologies AG

Back Button TLE8082ES Datasheet HTML 53Page - Infineon Technologies AG TLE8082ES Datasheet HTML 54Page - Infineon Technologies AG TLE8082ES Datasheet HTML 55Page - Infineon Technologies AG TLE8082ES Datasheet HTML 56Page - Infineon Technologies AG TLE8082ES Datasheet HTML 57Page - Infineon Technologies AG TLE8082ES Datasheet HTML 58Page - Infineon Technologies AG TLE8082ES Datasheet HTML 59Page - Infineon Technologies AG TLE8082ES Datasheet HTML 60Page - Infineon Technologies AG TLE8082ES Datasheet HTML 61Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 59 / 61 page
background image
12
Package information
1
12
13
24
1
12
13
24
The drawing is in compliance with ISO 128-30, Projection Method 1 [
]
All dimensions are in units mm
2) Dambar protrusion shall be maximum 0.1 mm total in excess of lead width.
1) Does not include plastic or metal protrusion of 0.15 max. per side
0.25±0.05
0.65
8.65±0.1
3.9±0.1
0.67±0.25
6±0.2
6.4±0.1
Pin1 marking
Bottom view
Seating plane
Coplanarity
1)
1)
2)
Figure 18
PG-TSDSO-24
Green Product (RoHS compliant)
To meet the world-wide customer requirements for environmentally friendly products and to be compliant with
government regulations the device is available as a Green Product. Green Products are RoHS compliant (Pb-free
finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020).
Information on alternative packages
Please visit www.infineon.com/packages.
TLE8082ES
Small engine management IC
Package information
Datasheet
59
Rev. 1.0
2021-03-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com