Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8082ES Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE8082ES
Description  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE8082ES Datasheet HTML 10Page - Infineon Technologies AG TLE8082ES Datasheet HTML 11Page - Infineon Technologies AG TLE8082ES Datasheet HTML 12Page - Infineon Technologies AG TLE8082ES Datasheet HTML 13Page - Infineon Technologies AG TLE8082ES Datasheet HTML 14Page - Infineon Technologies AG TLE8082ES Datasheet HTML 15Page - Infineon Technologies AG TLE8082ES Datasheet HTML 16Page - Infineon Technologies AG TLE8082ES Datasheet HTML 17Page - Infineon Technologies AG TLE8082ES Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
Table 6
State diagram terms and descriptions
Term
Description
KEY
Key on detection, see Chapter 4.3
ON: high voltage level at pin KEY
OFF: low voltage level at pin KEY
V5VIUV
5 V undervoltage detection at pin V5VI
Diag0.V5VIUV = 0: voltage in operational range
Diag0.V5VIUV = 1: undervoltage at pin V5VI
AE
Afterrun setting
Config.AE = 0: afterrun disabled
Config.AE = 1: afterrun enabled
NRIO
logic status of NRIO pin
NRIO = 0: logic low level
NRIO = 1: logic high level
Write WD register
SPI write access to watchdog register
Watchdog reset
see Chapter 4.2.4
Error
watchdog reset OR Diag0.V5VIUV = 1 (boolean OR)
No error
no watchdog reset AND Diag0.V5VIUV = 0 (boolean AND)
Explanation of Drawing:
All states inside ellipse („State 1" to „State n“) have the same condition for transition
to state „Target State“
Condition
State 1
State 2
State n
Target
State
Figure 4
Detailed states movement
TLE8082ES
Small engine management IC
Operation behavior
Datasheet
14
Rev. 1.0
2021-03-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com