Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX646 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX646
Description  TMUX646 6 GHz, 5 V, 2:1 (SPDT) 10-Channel MIPI Switch with 1.8-V Logic Support
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX646 Datasheet(HTML) 4 Page - Texas Instruments

  TMUX646 Datasheet HTML 1Page - Texas Instruments TMUX646 Datasheet HTML 2Page - Texas Instruments TMUX646 Datasheet HTML 3Page - Texas Instruments TMUX646 Datasheet HTML 4Page - Texas Instruments TMUX646 Datasheet HTML 5Page - Texas Instruments TMUX646 Datasheet HTML 6Page - Texas Instruments TMUX646 Datasheet HTML 7Page - Texas Instruments TMUX646 Datasheet HTML 8Page - Texas Instruments TMUX646 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Table 5-1. Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
DB1N
E1
I/O
Differential I/O
DB1P
E2
I/O
Differential I/O
DB2N
D1
I/O
Differential I/O
DB2P
D2
I/O
Differential I/O
DB3N
C1
I/O
Differential I/O
DB3P
C2
I/O
Differential I/O
DB4N
B1
I/O
Differential I/O
DB4P
B2
I/O
Differential I/O
GND
A2
P
Device Ground
NC
C3
—
No internal connection
NC
C4
—
No internal connection
OE
A5
I
Output enable (active low), has internal pull-down resistor
SEL
A6
I
Channel select, has internal pull-down resistor
VDD
A1
P
Power supply input
TMUX646
SCDS432 – JUNE 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX646



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com