Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX646 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX646
Description  TMUX646 6 GHz, 5 V, 2:1 (SPDT) 10-Channel MIPI Switch with 1.8-V Logic Support
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX646 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMUX646 Datasheet HTML 4Page - Texas Instruments TMUX646 Datasheet HTML 5Page - Texas Instruments TMUX646 Datasheet HTML 6Page - Texas Instruments TMUX646 Datasheet HTML 7Page - Texas Instruments TMUX646 Datasheet HTML 8Page - Texas Instruments TMUX646 Datasheet HTML 9Page - Texas Instruments TMUX646 Datasheet HTML 10Page - Texas Instruments TMUX646 Datasheet HTML 11Page - Texas Instruments TMUX646 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
6.5 Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSKEW
Intrapair skew
(opposite transitions of same
output)
VDD = 1.5 V to 5.5 V
OE = 0 V
Dn, CLKn =0.3 V
DnX, DBn, CLKAn, CLKBn:
RL = 50 Ω, CL = 5 pF
1
ps
tSKEW
Interpair Skew
(Channel−to−Channel Skew)
VDD = 1.5 V to 5.5 V
OE = 0 V
Dn, CLKn = 0.3 V
DAn, DBn, CLKAn, CLKBn: RL = 50 Ω, CL =
5 pF
4
ps
tPD
Propagation delay with 100 ps
rise time
VDD = 1.5 V to 5.5 V
OE = 0 V
Dn, CLKn = 1.2 V
DAn, DBn, CLKAn, CLKBn:
RL = 50 Ω, CL = 5 pF
tRISE = 100 ps
40
ps
OISO
Differential off isolation
VDD = 1.5 V to 5.5 V
OE = 0 V, VDD
SEL = 0 V, VDD
Dn, CLKn, DAn, DBn, CLKAn, CLKBn:
RS = 50 Ω, RL = 50 Ω, CL = 5 pF
VSW = 200 mVpp (differential)
f = 1250 MHz
–20
dB
XTALK
Differential channel to channel
crosstalk
VDD = 1.5 V to 5.5 V
OE = 0 V, VDD
SEL = 0 V, VDD
Dn, CLKn, DAn, DBn, CLKAn, CLKBn:
RS = 50 Ω, RL = 50 Ω, CL = 5 pF
VSW = 200 mVpp (differential)
f = 1250 MHz
–40
dB
BW
Differential Bandwidth
VDD = 1.5 V to 5.5 V
OE = 0 V
SEL = 0 V, VDD
Dn, CLKn, DAn, DBn, CLKAn, CLKBn:
VSW = 200 mVpp (differential)
f = 1250 MHz
6
GHz
ILOSS
Insertion Loss
VDD = 1.5 V to 5.5 V
OE = 0 V
SEL = 0 V, VDD
Dn, CLKn, DAn, DBn, CLKAn, CLKBn:
RS = 50 Ω, RL = 50 Ω, CL = 5 pF
VSW = 200 mVpp (differential)
f = 100 kHz
–0.65
dB
COFF
Off capacitance
VDD = 1.5 V to 5.5 V
OE = 0 V, VDD
SEL = 0 V, VDD
Dn, CLKn, DAn, DBn, CLKAn, CLKBn = 0 V,
0.2 V
f = 1250 MHz
1.5
pF
CON
On capacitance
VDD = 1.5 V to 5.5 V
OE = 0 V
SEL = 0 V, VDD
Dn, CLKn, DAn, DBn, CLKAn, CLKBn = 0 V,
0.2 V
f = 1250 MHz
1.5
pF
DIGITAL CHARACTERISTICS
VIH
Input logic high
SEL, OE
1
5.5
V
VIL
Input logic low
SEL, OE
0
0.4
V
IIH
Input high leakage current
SEL, OE
–5
5
µA
TMUX646
SCDS432 – JUNE 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX646



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com