Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX646 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX646
Description  TMUX646 6 GHz, 5 V, 2:1 (SPDT) 10-Channel MIPI Switch with 1.8-V Logic Support
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX646 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMUX646 Datasheet HTML 20Page - Texas Instruments TMUX646 Datasheet HTML 21Page - Texas Instruments TMUX646 Datasheet HTML 22Page - Texas Instruments TMUX646 Datasheet HTML 23Page - Texas Instruments TMUX646 Datasheet HTML 24Page - Texas Instruments TMUX646 Datasheet HTML 25Page - Texas Instruments TMUX646 Datasheet HTML 26Page - Texas Instruments TMUX646 Datasheet HTML 27Page - Texas Instruments TMUX646 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
CLKP
Control
Log ic
/OE
SEL
6 M
6 M
VDD
CLKN
D1P
D1N
D2P
D2N
D3P
D3N
D4P
D4N
DA4N
DB4N
GND
D-PHY
Module A
D-PHY
Module B
CLKAP
CLKBP
CLKAN
CLKBN
DA1P
DB1P
DA1N
DB1N
DA2P
DB2P
DA2N
DB2N
DA3P
DB3P
DA3N
DB3N
DA4P
DB4P
MIP I_CSI_CLKP_Module A
MIP I_CSI_CLKP_Module B
MIP I_CSI_CLKN_Module A
MIP I_CSI_CLKN_Module B
MIP I_CSI_DATA1P_Module A
MIP I_CSI_DATA1P_Module B
MIP I_CSI_DATA1N_Module A
MIP I_CSI_DATA1N_Module B
MIP I_CSI_DATA2P_Module A
MIP I_CSI_DATA2P_Module B
MIP I_CSI_DATA2N_Module A
MIP I_CSI_DATA2N_Module B
MIP I_CSI_DATA3P_Module A
MIP I_CSI_DATA3P_Module B
MIP I_CSI_DATA3N_Module A
MIP I_CSI_DATA3N_Module B
MIP I_CSI_DATA4P_Module A
MIP I_CSI_DATA4P_Module B
MIP I_CSI_CLKP
MIP I_CSI_CLKN
MIP I_CSI_DATA1P
MIP I_CSI_DATA1N
MIP I_CSI_DATA2P
MIP I_CSI_DATA2N
MIP I_CSI_DATA3P
MIP I_CSI_DATA3N
MIP I_CSI_DATA4P
MIP I_CSI_DATA4N_Module A
MIP I_CSI_DATA4N_Module B
MIP I_CSI_DATA4N
+/- Clock
+/- DATA1
+/- DATA2
+/- DATA3
+/- DATA4
Figure 9-3. MIPI D-PHY Example Pinout
TMUX646
SCDS432 – JUNE 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX646



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com