Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX646 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX646
Description  TMUX646 6 GHz, 5 V, 2:1 (SPDT) 10-Channel MIPI Switch with 1.8-V Logic Support
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX646 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX646 Datasheet HTML 9Page - Texas Instruments TMUX646 Datasheet HTML 10Page - Texas Instruments TMUX646 Datasheet HTML 11Page - Texas Instruments TMUX646 Datasheet HTML 12Page - Texas Instruments TMUX646 Datasheet HTML 13Page - Texas Instruments TMUX646 Datasheet HTML 14Page - Texas Instruments TMUX646 Datasheet HTML 15Page - Texas Instruments TMUX646 Datasheet HTML 16Page - Texas Instruments TMUX646 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
7 Parameter Measurement Information
ION
Switch
VSW
Channel ON
RON = V/ION
V
Figure 7-1. On Resistance
Switch
V
SW
V
SW
A
A
Figure 7-2. Off Leakage
Switch
V
SW
A
Figure 7-3. On Leakage
V
SW
SEL
R
L
C
L
R
L
C
L
V
SEL
V
SEL
V
SWB
t
SWITCH
t
SWITCH
V
IH
90 %
10 %
1.5 V
V
SW
0 V
0 V
V
IL
V
SEL
V
SWA
t
SWITCH
t
SWITCH
V
IL
90 %
10 %
1.5 V
V
SW
0 V
0 V
V
IH
V
SWA
V
SWB
A.
All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω , tr = 3 ns, tf = 3 ns.
B.
CL includes probe and jig capacitance.
Figure 7-4. tSWITCH Timing
www.ti.com
TMUX646
SCDS432 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMUX646



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com