Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX646 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX646
Description  TMUX646 6 GHz, 5 V, 2:1 (SPDT) 10-Channel MIPI Switch with 1.8-V Logic Support
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX646 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX646 Datasheet HTML 1Page - Texas Instruments TMUX646 Datasheet HTML 2Page - Texas Instruments TMUX646 Datasheet HTML 3Page - Texas Instruments TMUX646 Datasheet HTML 4Page - Texas Instruments TMUX646 Datasheet HTML 5Page - Texas Instruments TMUX646 Datasheet HTML 6Page - Texas Instruments TMUX646 Datasheet HTML 7Page - Texas Instruments TMUX646 Datasheet HTML 8Page - Texas Instruments TMUX646 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings ....................................... 5
6.2 ESD Ratings .............................................................. 5
6.3 Recommended Operating Conditions ........................5
6.4 Thermal Information ...................................................5
6.5 Electrical Characteristics ............................................6
6.6 Typical Characteristics.............................................. 10
7 Parameter Measurement Information.......................... 13
8 Detailed Description......................................................19
8.1 Overview................................................................... 19
8.2 Functional Block Diagram......................................... 19
8.3 Feature Description...................................................20
8.4 Device Functional Modes..........................................21
9 Application and Implementation.................................. 22
9.1 Application Information............................................. 22
9.2 Typical Application.................................................... 22
10 Power Supply Recommendations..............................27
11 Layout........................................................................... 28
11.1 Layout Guidelines................................................... 28
11.2 Layout Example...................................................... 28
12 Device and Documentation Support..........................29
12.1 Documentation Support.......................................... 29
12.2 Receiving Notification of Documentation Updates..29
12.3 Support Resources................................................. 29
12.4 Trademarks.............................................................29
12.5 Electrostatic Discharge Caution..............................29
12.6 Glossary..................................................................29
13 Mechanical, Packaging, and Orderable
Information.................................................................... 29
4 Revision History
DATE
REVISION
NOTES
June 2021
*
Initial Release
TMUX646
SCDS432 – JUNE 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX646



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com