Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX646 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX646
Description  TMUX646 6 GHz, 5 V, 2:1 (SPDT) 10-Channel MIPI Switch with 1.8-V Logic Support
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX646 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMUX646 Datasheet HTML 3Page - Texas Instruments TMUX646 Datasheet HTML 4Page - Texas Instruments TMUX646 Datasheet HTML 5Page - Texas Instruments TMUX646 Datasheet HTML 6Page - Texas Instruments TMUX646 Datasheet HTML 7Page - Texas Instruments TMUX646 Datasheet HTML 8Page - Texas Instruments TMUX646 Datasheet HTML 9Page - Texas Instruments TMUX646 Datasheet HTML 10Page - Texas Instruments TMUX646 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
6.5 Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOFF
Switch off leakage current
VDD = 1.5 V to 5.5 V
OE = 0 V or 5.5 V
SEL = 0 V or 5.5 V
Dn, CLKn = 0 V to 1.3 V
DAn, DBn, CLKAn, CLKBn = 0 V to 1.3 V
–0.5
0.5
µA
IOFF_3_6
Switch off leakage current
VDD = 0 V, 1.5 V, 1.65 V, 3.3 V, 5.5 V
OE = 0 V or 5.5 V
SEL= 0 V or 5.5 V
DX,CLKX = 3.6 V
DAX,DBx,CLKAX,CLKBX = 3.6 V
–10
10
µA
ION
Switch on leakage current
VDD = 1.5 V to 5.5 V
OE = 0 V
SEL = 0 V or 5.5 V
Dn, CLKn = 0 V to 1.3 V
DAn, DBn, CLKAn, CLKBn = 0 V to 1.3 V
–0.5
0.5
µA
ION_3_6
Switch on leakage current
VDD = 1.5 V to 5.5 V
OE = 0 V
SEL= 0 V or 5.5 V
DX, CLKX = 3.6 V
DAX ,DBx, CLKAX, CLKBX = 3.6 V
–50
50
µA
DYNAMIC CHARACTERISTICS
tSWITCH
Switching time SEL to output
VDD = 1.5 V to 5.5 V
OE = 0 V
Dn, CLKn = 1.2 V
DAn, DBn, CLKAn, CLKBn:
RL = 50 Ω, CL = 15pF
1.5
µs
tON_OE
Turnon time from OE to output
VDD = 1.5 V to 5.5 V
Dn, CLKn = 1.2 V
DAn, DBn, CLKAn, CLKBn:
RL = 50 Ω, CL = 15 pF
50
300
µs
tOFF_OE
Turnoff time from OE to output
VDD = 1.5 V to 5.5 V
Dn, CLKn = 1.2 V
DAn, DBn, CLKAn, CLKBn:
RL = 50 Ω, CL = 15 pF
0.5
1
µs
fSEL_MAX
Maximum toggling frequency
for the SEL line
VDD = 1.5 V to 5.5 V
Dn, CLKn = 1.2 V
DAn, DBn, CLKAn, CLKBn:
RL = 50 Ω, CL = 2 pF
100
kHz
tON_VDD
Turnon time from VDD to
output
VDD = 0 V to 5.5 V
VDD ramp rate = 1 µs
Dn, CLKn = 1.2 V
DAn, DBn, CLKAn, CLKBn:
RL = 50 Ω, CL = 15 pF
50
300
µs
tOFF_VDD
Turnoff time from VDD to
output
VDD = 5 V to 0 V
Dn, CLKn = 1.2 V
DAn, DBn, CLKAn, CLKBn:
RL = 50 Ω, CL = 15 pF
0.5
1
ms
tMIN_OE
Minimum pulse width for OE
VDD = 1.5 V to 5.5 V
Dn, CLKn = 1.2 V
DAn, DBn, CLKAn, CLKBn:
RL = 50 Ω, CL = 2 pF
500
ns
tBBM
Break before make time
VDD = 1.5 V to 5.5 V
OE = 0 V
Dn, CLKn = RL = 50 Ω, CL = 15 pF
DAn, DBn, CLKAn, CLKBn: 1.2 V
50
ns
www.ti.com
TMUX646
SCDS432 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMUX646



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com