Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX646 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX646
Description  TMUX646 6 GHz, 5 V, 2:1 (SPDT) 10-Channel MIPI Switch with 1.8-V Logic Support
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX646 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMUX646 Datasheet HTML 7Page - Texas Instruments TMUX646 Datasheet HTML 8Page - Texas Instruments TMUX646 Datasheet HTML 9Page - Texas Instruments TMUX646 Datasheet HTML 10Page - Texas Instruments TMUX646 Datasheet HTML 11Page - Texas Instruments TMUX646 Datasheet HTML 12Page - Texas Instruments TMUX646 Datasheet HTML 13Page - Texas Instruments TMUX646 Datasheet HTML 14Page - Texas Instruments TMUX646 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
6.6 Typical Characteristics (continued)
At TA = 25°C (unless otherwise noted).
Figure 6-7. Supply Current vs Temperature
Figure 6-8. Supply Current vs Logic Voltage
Figure 6-9. Switching Time (tSWITCH) vs Supply Voltage
Figure 6-10. Propagation Delay (tPD) vs Supply Voltage
Figure 6-11. tON_VDD vs Supply Voltage
Figure 6-12. tOFF_VDD vs Supply Voltage
www.ti.com
TMUX646
SCDS432 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TMUX646



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com