Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX646 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX646
Description  TMUX646 6 GHz, 5 V, 2:1 (SPDT) 10-Channel MIPI Switch with 1.8-V Logic Support
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX646 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMUX646 Datasheet HTML 18Page - Texas Instruments TMUX646 Datasheet HTML 19Page - Texas Instruments TMUX646 Datasheet HTML 20Page - Texas Instruments TMUX646 Datasheet HTML 21Page - Texas Instruments TMUX646 Datasheet HTML 22Page - Texas Instruments TMUX646 Datasheet HTML 23Page - Texas Instruments TMUX646 Datasheet HTML 24Page - Texas Instruments TMUX646 Datasheet HTML 25Page - Texas Instruments TMUX646 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The TMUX646 is a 2:1, 10 channel MIPI switch designed to facilitate multiple MIPI compliant devices to connect
to a single CSI/DSI, C-PHY/D-PHY module.
9.2 Typical Application
Figure 9-1 represents a typical application of the TMUX646 MIPI switch. The TMUX646 is used to switch signals
between multiple MIPI modules and a single MIPI port on a processor. This expands the capabilities of a single
port to handle multiple MIPI modules.
TMUX646
MIPI Switch
VDD
2.2 µF
100 nF
Processor
MIPI Module 1
MIPI Module 2
SEL
/OE
CLK
Data[1:4]
CLK
Data[1:4]
CLK
Data[1:4]
1.5 V to 5.5 V
Figure 9-1. Typical D-PHY Application
TMUX646
SCDS432 – JUNE 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX646



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com