Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX646 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX646
Description  TMUX646 6 GHz, 5 V, 2:1 (SPDT) 10-Channel MIPI Switch with 1.8-V Logic Support
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX646 Datasheet(HTML) 1 Page - Texas Instruments

  TMUX646 Datasheet HTML 1Page - Texas Instruments TMUX646 Datasheet HTML 2Page - Texas Instruments TMUX646 Datasheet HTML 3Page - Texas Instruments TMUX646 Datasheet HTML 4Page - Texas Instruments TMUX646 Datasheet HTML 5Page - Texas Instruments TMUX646 Datasheet HTML 6Page - Texas Instruments TMUX646 Datasheet HTML 7Page - Texas Instruments TMUX646 Datasheet HTML 8Page - Texas Instruments TMUX646 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
TMUX646 6 GHz, 5 V, 2:1 (SPDT) 10-Channel MIPI Switch with 1.8-V Logic Support
1 Features
• Supply range of 1.5 V to 5.5 V
• 10-Channel 2:1 bidirectional switch
• Supports MIPI CSI/DSI, SATA, LVDS, RGMII,
DDR, ethernet interfaces
• Powered-off protection:
I/Os Hi-Z when VDD = 0 V
• Low RON: 6-Ω typical
• High bandwidth : 6 GHz
• Ultra low crosstalk: -40 dB
• Low power disable mode
• 1.2 V logic compatible
• Bidirectional signal path
• ESD protection:
– 6-kV human body model (HBM)
– 2-kV human body model (CDM)
2 Applications
• Mobile phones
• Tablet
• PC and notebooks
• Virtual and augmented reality
• Drones
• Camera-based carcode scanner
• Medical
• IP netcam
3 Description
The TMUX646 is an optimized 10-channel (5
differential) single-pole, double-throw bi-directional
switch for use in high speed applications. The
TMUX646 is designed to facilitate multiple MIPI
compliant devices to connect to a single CSI/DSI, C-
PHY/D-PHY module. The device also supports SATA,
SAS, MIPI DSI/CSI, LVDS, RGMII, DDR and Ethernet
interfaces.
The device has a bandwidth of 6 GHz, low channel-
to-channel skew with little signal degradation, and
wide margins to compensate for layout losses. The
device's low current consumption meets the needs of
low power applications, including mobile phones and
other personal electronics.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMUX646
nFBGA (ZEC)
2.45 mm × 2.45 mm
(1)
For all available package, see the orderable addendum at the
end of the data sheet.
TMUX646
MIPI Switch
VDD
2.2 µF
100 nF
Processor
MIPI Module 1
MIPI Module 2
SEL
/OE
CLK
Data[1:4]
CLK
Data[1:4]
CLK
Data[1:4]
1.5 V to 5.5 V
Simplified D-PHY Schematic
TMUX646
MIPI Switch
VDD
2.2 µF
100 nF
Processor
MIPI Module 1
MIPI Module 2
SEL
/OE
Trio[1:3]
Trio [1:3]
Trio[1:3]
50
Ω
50
Ω
50
Ω
1.5 V to 5.5 V
Simplified C-PHY Schematic
TMUX646
SCDS432 – JUNE 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMUX646

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX646 TI-TMUX646 Datasheet
2Mb / 37P
TMUX646 6 GHz, 5 V, 2:1 (SPDT) 10-Channel MIPI Switch with 1.8-V Logic Support
JUNE 2021
TMUX646NZECR TI-TMUX646NZECR Datasheet
2Mb / 37P
TMUX646 6 GHz, 5 V, 2:1 (SPDT) 10-Channel MIPI Switch with 1.8-V Logic Support
JUNE 2021
TMUX646ZECR TI-TMUX646ZECR Datasheet
2Mb / 37P
TMUX646 6 GHz, 5 V, 2:1 (SPDT) 10-Channel MIPI Switch with 1.8-V Logic Support
JUNE 2021
TMUX646 TI-TMUX646_V01 Datasheet
2Mb / 37P
TMUX646 6 GHz, 5 V, 2:1 (SPDT) 10-Channel MIPI Switch with 1.8-V Logic Support
JUNE 2021
More results

Similar Description - TMUX646

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN3257-Q1 TI1-SN3257-Q1 Datasheet
668Kb / 29P
2:1 (SPDT), 4-Channel Switch with 1.8 V Logic
SN3257-Q1 TI1-SN3257-Q1_V01 Datasheet
674Kb / 31P
SN3257-Q1 5-V, Low Propagation Delay, 2:1 (SPDT), 4-Channel Switch with 1.8 V Logic
TMUX6219 TI-TMUX6219 Datasheet
750Kb / 20P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
TMUX6219-Q1 TI-TMUX6219-Q1 Datasheet
1Mb / 30P
TMUX6219-Q1 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
TMUX646 TI-TMUX646_V01 Datasheet
2Mb / 37P
TMUX646 6 GHz, 5 V, 2:1 (SPDT) 10-Channel MIPI Switch with 1.8-V Logic Support
JUNE 2021
TMUX6236 TI-TMUX6236 Datasheet
1Mb / 34P
TMUX6236 36 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch with 1.8 V Logic
APRIL 2022
TMUX6219 TI-TMUX6219_V01 Datasheet
1Mb / 43P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX6236 TI-TMUX6236_V01 Datasheet
2Mb / 41P
TMUX6236 36 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With 1.8 V Logic
REVISED JULY 2022
TMUX6219 TI-TMUX6219_V02 Datasheet
2Mb / 46P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX6236 TI1-TMUX6236_V02 Datasheet
2Mb / 46P
TMUX6236 36 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With 1.8 V Logic
DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com