Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX646 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX646
Description  TMUX646 6 GHz, 5 V, 2:1 (SPDT) 10-Channel MIPI Switch with 1.8-V Logic Support
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX646 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMUX646 Datasheet HTML 16Page - Texas Instruments TMUX646 Datasheet HTML 17Page - Texas Instruments TMUX646 Datasheet HTML 18Page - Texas Instruments TMUX646 Datasheet HTML 19Page - Texas Instruments TMUX646 Datasheet HTML 20Page - Texas Instruments TMUX646 Datasheet HTML 21Page - Texas Instruments TMUX646 Datasheet HTML 22Page - Texas Instruments TMUX646 Datasheet HTML 23Page - Texas Instruments TMUX646 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
8.3 Feature Description
8.3.1 1.2-V Logic Compatible Inputs
The TMUX646 has 1.2-V logic compatible control inputs. Regardless of the VDD voltage, the 1.2-V logic level
inputs allow the TMUX646 to interface with processors that have lower logic I/O rails and eliminates the need for
an external voltage translator, which saves both space and BOM cost. For more information on 1.2 V and 1.8 V
logic implementations, refer to Simplifying Design with 1.8 V logic Muxes and Switches.
8.3.2 Bidirectional Operation
The TMUX646 conducts equally well from A to COM, B to COM, COM to A, or COM to B. Each channel has very
similar characteristics in both directions and supports analog and digital signals.
8.3.3 Powered-Off Protection
When the TMUX646 is powered off (VDD = 0 V) the I/Os and digital logic pins of the device remains in a
high impedance state. The crosstalk, off-isolation, and leakage will remain within the electrical specifications.
This prevents errant voltages from reaching the rest of the system and maintains isolation when the system is
powering up:
Figure 8-1 shows an example system containing a switch without powered-off protection with the following
system level scenario.
1. Subsystem A powers up and starts sending information to Subsystem B that remains unpowered.
2. The I/O voltage back powers the supply rail in Subsystem B.
3. The digital logic is back powered and turns on the switch. The signal is transmitted to Subsystem B before it
is powered and damages it.
Subsystem A
Subsystem B
Powered
LDO
Switch
SEL
VDD
Unpowered
ESD
1
2
3
Figure 8-1. System Without Powered-Off Protection
With powered-off protection, the switch prevents back powering the supply and the switch remains high-
impedance. Subsystem B remains protected.
Subsystem A
Subsystem B
Powered
LDO
Switch
SEL
VDD
Unpowered
ESD
2
Protection
Hi-Z
Figure 8-2. System With Powered-Off Protection
TMUX646
SCDS432 – JUNE 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX646



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com