Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 186 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 186 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 182Page - Advanced Micro Devices SC3200 Datasheet HTML 183Page - Advanced Micro Devices SC3200 Datasheet HTML 184Page - Advanced Micro Devices SC3200 Datasheet HTML 185Page - Advanced Micro Devices SC3200 Datasheet HTML 186Page - Advanced Micro Devices SC3200 Datasheet HTML 187Page - Advanced Micro Devices SC3200 Datasheet HTML 188Page - Advanced Micro Devices SC3200 Datasheet HTML 189Page - Advanced Micro Devices SC3200 Datasheet HTML 190Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 447 page
background image
186
AMD Geode™ SC3200 Processor Data Book
Core Logic Module
Revision 5.1
6.2.12.2 AC97 Codec Interface
The AC97 codec (e.g., LM4548) is the master of the serial
interface and generates the clocks to Core Logic module.
Figure 6-13 shows the signal connections between two
codecs and the SC3200:
• Codec1 can be AC97 Rev. 1.3 or higher compliant.
• Codec2 is optional, but must be compliant with AC97 2.0
or higher. (For specifics on the serial interface, refer to
the appropriate codec manufacturer’s data book.)
— SDATA_IN2 has wakeup capability. (See Section 5.6
"System Wakeup Control (SWC)" on page 132.)
— If SDATA_IN2 is not used it must be connected to
VSS.
— If an AMC97 codec is used (as Codec2), it should be
connected to SDATA_IN2 and SDATA_IN should be
connected to VSS.
• For PC speaker synthesis, the Core Logic module
outputs the PC speaker signal on the PC_BEEP pin
which is connected to the PC_BEEP input of the AC97
codec. Note that PC_BEEP is muxed with GPIO16 and
must be programmed via PMR[0] (see Table 4-2 on
page 88.)
Codec Configuration/Control Registers
The codec 32-bit related registers:
• GPIO Status and Control Registers
— Codec GPIO Status Register (F3BAR0+Memory
Offset 00h)
— Codec GPIO Control Register (F3BAR0+Memory
Offset 04h)
• Codec Status Register (F3BAR0+Memory Offset 08h)
• Codec Command Register (F3BAR0+Memory Offset
0Ch)
Codec GPIO Status and Control Registers:
The Codec GPIO Status and Control registers are used for
codec GPIO related tasks such as enabling a codec GPIO
interrupt to cause an SMI.
Codec Status Register:
The Codec Status register stores the codec status WORD.
It is updated every valid Status Word slot.
Codec Command Register:
The Codec Command register writes the control WORD to
the codec. By writing the appropriate control WORDs to
this port, the features of the codec can be controlled. The
contents of this register are written to the codec during the
Control Word slot.
The bit formats for these registers are given in Table 6-38
"F3BAR0+Memory Offset: Audio Configuration Registers"
on page 280.
Figure 6-13. AC97 V2.0 Codec Signal Connections
BIT_CLK
PC_BEEP
SDATA_OUT
AC97_CLK
PC_BEEP
SDATA_OUT
SDATA_IN
Codec1
BIT_CLK
XTAL_I
SYNC
SYNC
PC_BEEP
SDATA_OUT
SDATA_IN2
BIT_CLK
XTAL_I
SYNC
SDATA_IN2
Codec2
(Optional)
SDATA_IN
AMD Geode™
SC3200
Processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com