Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 54 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 54 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 50Page - Advanced Micro Devices SC3200 Datasheet HTML 51Page - Advanced Micro Devices SC3200 Datasheet HTML 52Page - Advanced Micro Devices SC3200 Datasheet HTML 53Page - Advanced Micro Devices SC3200 Datasheet HTML 54Page - Advanced Micro Devices SC3200 Datasheet HTML 55Page - Advanced Micro Devices SC3200 Datasheet HTML 56Page - Advanced Micro Devices SC3200 Datasheet HTML 57Page - Advanced Micro Devices SC3200 Datasheet HTML 58Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 447 page
background image
54
AMD Geode™ SC3200 Processor Data Book
Signal Definitions
Revision 5.1
Table 3-5. 481-TEPBGA Ball Assignment - Sorted Alphabetically by Signal Name
Signal Name
Ball No.
A0
U1
A1
P3
A2
U3
A3
N1
A4
P1
A5
N3
A6
N2
A7
M2
A8
M4
A9
L2
A10
L3
A11
K1
A12
L4
A13
J1
A14
K4
A15
J3
A16
E1
A17
F4
A18
E3
A19
E2
A20
D3
A21
D1
A22
D2
A23
B6
AB1C
N31
AB1D
N30
AB2C
N29
AB2D
M29
AC97_CLK
P31
AC97_RST#
U29
ACK#
B18
AD0
U1
AD1
P3
AD2
U3
AD3
N1
AD4
P1
AD5
N3
AD6
N2
AD7
M2
AD8
M4
AD9
L2
AD10
L3
AD11
K1
AD12
L4
AD13
J1
AD14
K4
AD15
J3
AD16
E1
AD17
F4
AD18
E3
AD19
E2
AD20
D3
AD21
D1
AD22
D2
AD23
B6
AD24
C2
AD25
C4
AD26
C1
AD27
D4
AD28
B4
AD29
B3
AD30
A3
AD31
D5
AFD#/DSTRB#
D22
AVCCUSB
D27
AVSSPLL2
C16
AVSSPLL3
AK3
AVSSUSB
C27
BA0
AJ13
BA1
AK14
BHE#
E4
BIT_CLK
U30
BOOT16
C8
BUSY/WAIT#
B17
C/BE0#
L1
C/BE1#
J2
C/BE2#
F3
C/BE3#
H4
CASA#
AJ12
CKEA
AL22
CLK27M
AA4
CLK32
AH8
CLKSEL0
B8
CLKSEL1
AF3
CLKSEL2
D29
CLKSEL3
P30
CS0#
AL12
CS1#
AH27
CTS2#
C31
D0
C2
D1
C4
D2
C1
D3
D4
D4
B4
D5
B3
D6
A3
D7
D5
Signal Name
Ball No.
D8
L1
D9
J2
D10
F3
D11
H4
D12
J4
D13
F1
D14
F2
D15
G1
DCD2#
C28
DEVSEL#
E4
DID0
C5
DID1
C6
DNEG_PORT1
A29
DNEG_PORT2
B28
DNEG_PORT3
A27
DOCCS#
A9, N31
DOCR#
D9
DOCW#
A8
DPOS_PORT1
A28
DPOS_PORT2
B27
DPOS_PORT3
A26
DQM0
AL11
DQM1
AH23
DQM2
AG30
DQM3
AC31
DQM4
AL15
DQM5
AK21
DQM6
AG29
DQM7
AB31
DSR2#
B29
DTR1#/BOUT1
AG1
DTR2#/BOUT2
D28
ERR#
D21
F_AD0
C21
F_AD1
A21
F_AD2
D20
F_AD3
C20
F_AD4
C18
F_AD5
C19
F_AD6
A20
F_AD7
A18
F_C/BE0#
D21
F_C/BE1#
B17
F_C/BE2#
D17
F_C/BE3#
C17
F_DEVSEL#
V31
F_FRAME#
A22
F_GNT0#
U31
F_IRDY#
B20
Signal Name
Ball No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com