Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 71 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 71 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 67Page - Advanced Micro Devices SC3200 Datasheet HTML 68Page - Advanced Micro Devices SC3200 Datasheet HTML 69Page - Advanced Micro Devices SC3200 Datasheet HTML 70Page - Advanced Micro Devices SC3200 Datasheet HTML 71Page - Advanced Micro Devices SC3200 Datasheet HTML 72Page - Advanced Micro Devices SC3200 Datasheet HTML 73Page - Advanced Micro Devices SC3200 Datasheet HTML 74Page - Advanced Micro Devices SC3200 Datasheet HTML 75Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
71
Signal Definitions
Revision 5.1
LOCK#
C9
H3
I/O
Lock Operation. LOCK# indicates an atomic
operation that may require multiple transac-
tions to complete. When LOCK# is asserted,
non-exclusive transactions may proceed to
an address that is not currently locked (at
least 16 bytes must be locked). A grant to
start a transaction on PCI does not guaran-
tee control of LOCK#. Control of LOCK# is
obtained under its own protocol in conjunc-
tion with GNT#.
It is possible for different agents to use PCI
while a single master retains ownership of
LOCK#. The arbiter can implement a com-
plete system lock. In this mode, if LOCK# is
active, no other master can gain access to
the system until the LOCK# is de-asserted.
This signal is internally connected to a pull-
up resistor.
---
DEVSEL#
B5
E4
I/O
Device Select. DEVSEL# indicates that the
driving device has decoded its address as
the target of the current access. As an input,
DEVSEL# indicates whether any device on
the bus has been selected. DEVSEL# is also
driven by any agent that has the ability to
accept cycles on a subtractive decode basis.
As a master, if no DEVSEL# is detected
within and up to the subtractive decode
clock, a master abort cycle is initiated (except
for special cycles which do not expect a
DEVSEL# returned).
This signal is internally connected to a pull-
up resistor.
BHE#
PERR#
B9
H2
I/O
Parity Error. PERR# is used for reporting
data parity errors during all PCI transactions
except a Special Cycle. The PERR# line is
driven two PCI clocks after the data in which
the error was detected. This is one PCI clock
after the PAR that is attached to the data.
The minimum duration of PERR# is one PCI
clock for each data phase in which a data
parity error is detected. PERR# must be
driven high for one PCI clock before being
placed in TRI-STATE. A target asserts
PERR# on write cycles if it has claimed the
cycle with DEVSEL#. The master asserts
PERR# on read cycles.
This signal is internally connected to a pull-
up resistor.
---
3.4.6
PCI Bus Interface Signals (Continued)
Signal Name
BalL No.
Type
Description
Mux
EBGA
TEPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com