Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 9Page - Advanced Micro Devices SC3200 Datasheet HTML 10Page - Advanced Micro Devices SC3200 Datasheet HTML 11Page - Advanced Micro Devices SC3200 Datasheet HTML 12Page - Advanced Micro Devices SC3200 Datasheet HTML 13Page - Advanced Micro Devices SC3200 Datasheet HTML 14Page - Advanced Micro Devices SC3200 Datasheet HTML 15Page - Advanced Micro Devices SC3200 Datasheet HTML 16Page - Advanced Micro Devices SC3200 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
13
1
AMD Geode™ SC3200 Processor
Revision 5.1
1.0AMD Geode™
SC3200 Processor
1.1
General Description
The AMD Geode™ SC3200 processor is a member of the
AMD Geode family of fully integrated x86 system chips.
The SC3200 processor includes:
• The Geode GX1 processor module combines advanced
CPU performance with MMX™ support, fully acceler-
ated 2D graphics, a 64-bit synchronous DRAM
(SDRAM) interface, a PCI bus controller, and a display
controller.
• A low-power TFT Video Processor module with a Video
Input Port (VIP), and a hardware video accelerator for
scaling, filtering, and color space conversion.
• The Core Logic module includes: PC/AT functionality, a
USB interface, an IDE interface, a PCI bus interface, an
LPC bus interface, Advanced Configuration Power Inter-
face (ACPI) version 1.0 compliant power management,
and an audio codec interface.
• The SuperI/O module has: three serial ports (UART1,
UART2, and UART3 with fast infrared), a parallel port,
two ACCESS.bus (ACB) interfaces, and a real-time
clock (RTC).
These features, combined with the device’s low power con-
sumption, enable a small form factor design making it ideal
as the core for a WebPAD™ system application.
Figure 1-1 shows the relationships between the modules.
Figure 1-1. Block Diagram
CPU
GX1
Memory Controller
Core
Display
Controller
2D Graphics
Accelerator
PCI Bus
Controller
Video
Scaling
Video Processor
TFT I/F
Video
Mixer
Clock & Reset Logic
Config.
Fast-PCI Bus
Video Input Port (VIP)
IDE I/F
Fast X-Bus
PIT
DMAC
Pwr Mgmnt
Configuration
ISA Bus I/F
PIC
USB
GPIO
PCI/Sub-ISA
Audio Codec I/F
LPC I/F
ISA Bus
Block
Bus I/F
I/F
Parallel
Port
ACB1
I/F
ACB2
I/F
UART1
UART2
UART3
& IR
Bridge
RTC
Core Logic
SuperI/O
Host Interface
X-Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com