Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 83 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 83 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 79Page - Advanced Micro Devices SC3200 Datasheet HTML 80Page - Advanced Micro Devices SC3200 Datasheet HTML 81Page - Advanced Micro Devices SC3200 Datasheet HTML 82Page - Advanced Micro Devices SC3200 Datasheet HTML 83Page - Advanced Micro Devices SC3200 Datasheet HTML 84Page - Advanced Micro Devices SC3200 Datasheet HTML 85Page - Advanced Micro Devices SC3200 Datasheet HTML 86Page - Advanced Micro Devices SC3200 Datasheet HTML 87Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
83
Signal Definitions
Revision 5.1
3.4.17
Debug Monitoring Interface Signals
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA
FPCICLK
U3
B18
O
Fast-PCI Bus Monitoring Signals. When
enabled, this group of signals provides for
monitoring of the internal Fast-PCI bus for
debug purposes. To enable, pull up
FPCI_MON (EBGA ball D3 / TEPBGA ball
A4).
ACK#+TFTDE
F_AD7
U1
A18
O
PD7+TFTD13
F_AD6
V3
A20
O
PD6+TFTD1
F_AD5
V2
C19
O
PD5+TFTD11
F_AD4
V1
C18
O
PD4+TFTD10
F_AD3
W2
C20
O
PD3+TFTD9
F_AD2
W3
D20
O
PD2+TFTD8
F_AD1
Y1
A21
O
PD1+TFTD7
F_AD0
AA1
C21
O
PD0+TFTD6
F_C/BE3#
T4
C17
O
SLCT+TFTD15
F_C/BE2#
T3
D17
O
PE+TFTD14
F_C/BE1#
T1
B17
O
BUSY/WAIT#+
TFTD3
F_C/BE0#
AA3
D21
O
ERR#+TFTD4+
F_FRAME#
AB1
A22
O
STB#/WRITE#+
TFTD17
F_IRDY#
W1
B20
O
SLIN#/ASTRB#+
TFTD16
F_STOP#
AJ15
U29
O
AC97_RST#
F_DEVSEL#
AL15
V31
O
GPIO16+
PC_BEEP
F_GNT0#
AK14
U31
O
SDATA_IN
F_TRDY#
AL14
U30
O
BIT_CLK
INTR_O
AB2
D22
O
CPU Core Interrupt. When enabled, this sig-
nal provides for monitoring of the internal
GX1 core INTR signal for debug purposes.
To enable, pull up FPCI_MON (EBGA ball
D3 / TEPBGA ball A4).
AFD#/DSTRB#+
TFTD2
SMI_O
Y3
B21
O
System Management Interrupt. This is the
input to the GX1 core. When enabled, this
signal provides for monitoring of the internal
GX1 core SMI# signal for debug purposes.
To enable, pull up FPCI_MON (EBGA ball
D3 / TEPBGA ball A4).
INIT#+TFTD5+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com