Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 96 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 96 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 92Page - Advanced Micro Devices SC3200 Datasheet HTML 93Page - Advanced Micro Devices SC3200 Datasheet HTML 94Page - Advanced Micro Devices SC3200 Datasheet HTML 95Page - Advanced Micro Devices SC3200 Datasheet HTML 96Page - Advanced Micro Devices SC3200 Datasheet HTML 97Page - Advanced Micro Devices SC3200 Datasheet HTML 98Page - Advanced Micro Devices SC3200 Datasheet HTML 99Page - Advanced Micro Devices SC3200 Datasheet HTML 100Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 447 page
background image
96
AMD Geode™ SC3200 Processor Data Book
General Configuration Block
Revision 5.1
WATCHDOG Interrupt
The WATCHDOG interrupt (if configured and enabled) is
routed to an IRQ signal. The IRQ signal is programmable
via the INTSEL register (Offset 38h, described in Table 4-2
"Multiplexing, Interrupt Selection, and Base Address Regis-
ters" on page 88). The WATCHDOG interrupt is a share-
able, active low, level interrupt.
WATCHDOG SMI
The WATCHDOG SMI is recognized by the Core Logic
module as internal input signal EXT_SMI0#. To use the
WATCHDOG SMI, Core Logic registers must be configured
appropriately.
4.3.2
WATCHDOG Registers
Table 4-3 describes the WATCHDOG registers.
4.3.2.1
Usage Hints
• SMM code should set bit 8 of the WDCNFG register to 1
when entering ACPI C3 state, if the WATCHDOG timer
is to be suspended. If this is not done, the WATCHDOG
timer is functional during C3 state.
• SMM code should set bit 8 of the WDCNFG register to
1, when entering ACPI S1 and S2 states if the
WATCHDOG timer is to be suspended. If this is not
done, the WATCHDOG timer is functional during S1 and
S2 states.
Table 4-3. WATCHDOG Registers
Bit
Description
Offset 00h-01h
WATCHDOG Timeout Register - WDTO (R/W)
Reset Value: 0000h
This register specifies the programmed WATCHDOG timeout period.
15:0
Programmed timeout period.
Offset 02h-03h
WATCHDOG Configuration Register - WDCNFG (R/W)
Reset Value: 0000h
This register selects the signal to be generated when the timer reaches 0, whether or not to disable the 32 KHz input clock during low
power states, and the prescaler value of the clock input.
15:9
Reserved. Write as read.
8
WD32KPD (WATCHDOG 32 KHz Power Down).
0:
32 KHz clock is enabled.
1:
32 KHz clock is disabled, when the GX1 module asserts its internal SUSPA# signal.
This bit is cleared to 0, when POR# is asserted or when the GX1 module de-asserts its internal SUSPA# signal (i.e., on
SUSPA# rising edge). See Section 4.3.2.1 "Usage Hints" on page 96.
7:6
WDTYPE2 (WATCHDOG Event Type 2).
00: No action
01: Interrupt
10: SMI
11: System reset
This field is reset to 0 when POR# is asserted. Other system resets do not affect this field.
5:4
WDTYPE1 (WATCHDOG Event Type 1).
00: No action
01: Interrupt
10: SMI
11: System reset
This field is reset to 0 when POR# is asserted. Other system resets do not affect this field.
3:0
WDPRES (WATCHDOG Timer Prescaler). Divide 32 KHz by:
0000: 1
0100: 16
1000: 256
1100: 4096
0001: 2
0101: 32
1001: 512
1101: 8192
0010: 4
0110: 64
1010: 1024
1110: Reserved
0011: 8
0111: 128
1011: 2048
1111: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com