Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 15Page - Advanced Micro Devices SC3200 Datasheet HTML 16Page - Advanced Micro Devices SC3200 Datasheet HTML 17Page - Advanced Micro Devices SC3200 Datasheet HTML 18Page - Advanced Micro Devices SC3200 Datasheet HTML 19Page - Advanced Micro Devices SC3200 Datasheet HTML 20Page - Advanced Micro Devices SC3200 Datasheet HTML 21Page - Advanced Micro Devices SC3200 Datasheet HTML 22Page - Advanced Micro Devices SC3200 Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
19
Architecture Overview
Revision 5.1
4
RFSHTST (Test Refresh). This bit, when set high, generates a refresh request. This bit is only used for testing purposes.
3
XBUSARB (X-Bus Round Robin). When round robin is enabled, processor, graphics pipeline, and low priority display con-
troller requests are arbitrated at the same priority level. When disabled, processor requests are arbitrated at a higher priority
level. High priority Display Controller requests always have the highest arbitration priority.
0: Disable.
1: Enable round robin.
2
SMM_MAP (SMM Region Mapping). Maps the SMM memory region at GX_BASE+400000 to physical address A0000 to
BFFFF in SDRAM.
0: Disable.
1: Enable.
1
RSVD (Reserved). Write as 0.
0
SDRAMPRG (Program SDRAM). When this bit is set, the memory controller will program the SDRAM MRS register using
LTMODE in MC_SYNC_TIM1.
This bit must transition from zero (written to zero) to one (written to one) in order to program the SDRAM devices.
GX_BASE+8404h-8407h
MC_MEM_CNTRL2 (R/W)
Reset Value: 00000801h
31:14
RSVD (Reserved). Write as 0.
13:12
SDCLKCTL (SDCLK High Drive/Slew Control). Controls the high drive and slew rate of SDCLK[3:0] and SDCLK_OUT.
11 is strongest, 00 is weakest.
11
RSVD (Reserved). Write as 0.
10
SDCLKOMSK# (Enable SDCLK_OUT). Turns on the output.
0: Enable.
1: Disable.
9
SDCLK3MSK# (Enable SDCLK3). Turns on the output.
0: Enable.
1: Disable.
8
SDCLK2MSK# (Enable SDCLK2). Turns on the output.
0: Enable.
1: Disable.
7
SDCLK1MSK# (Enable SDCLK1). Turns on the output. 0
0: Enable.
1: Disable.
6
SDCLK0MSK# (Enable SDCLK0). Turns on the output.
0: Enable.
1: Disable.
5:3
SHFTSDCLK (Shift SDCLK). This function allows shifting SDCLK to meet SDRAM setup and hold time requirements. The
shift function will not take effect until the SDCLKSTRT bit (bit 17 of MC_MEM_CNTRL1) transitions from 0 to 1:
000: No shift
100: Shift 2 core clocks
001: Shift 0.5 core clock
101: Shift 2.5 core clocks
010: Shift 1 core clock
110: Shift 3 core clocks
011: Shift 1.5 core clock
111: Reserved
2
RSVD (Reserved). Write as 0.
1
RD (Read Data Phase). Selects if read data is latched one or two core clock after the rising edge of SDCLK.
0: 1 Core clock.
1: 2 Core clocks.
0
FSTRDMSK (Fast Read Mask). Do not allow core reads to bypass the request FIFO.
0: Disable.
1: Enable.
Table 2-2. SC3200 Memory Controller Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com