Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 67 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 67 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 63Page - Advanced Micro Devices SC3200 Datasheet HTML 64Page - Advanced Micro Devices SC3200 Datasheet HTML 65Page - Advanced Micro Devices SC3200 Datasheet HTML 66Page - Advanced Micro Devices SC3200 Datasheet HTML 67Page - Advanced Micro Devices SC3200 Datasheet HTML 68Page - Advanced Micro Devices SC3200 Datasheet HTML 69Page - Advanced Micro Devices SC3200 Datasheet HTML 70Page - Advanced Micro Devices SC3200 Datasheet HTML 71Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
67
Signal Definitions
Revision 5.1
3.4.4
TFT Interface Signals
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA
HSYNC
J1
A11
O
Horizontal Sync
---
VSYNC
J2
B11
O
Vertical Sync
---
TFTDCK
A22
AA1
O
TFT Clock.
IDE_RST#
J4
A10
GPIO17+ IOCS0#
TFTDE
C16
P2
O
TFT Data Enable.
IDE_CS1#
U3
B18
ACK#+FPCICLK
FP_VDD_ON
B23
AB1
O
TFT Power Control. Used to enable power
to the flat panel display, with power
sequence timing.
IDE_DATA4
AL16
V30
GXCLK+TEST3
TFTD[17:0]
See
Table 3-3
on page
38.
See
Table 3-5
on page
54.
O
Digital RGB Data to TFT.
TFTD[5:0] - Connect to the BLUE TFT inputs.
TFTD[11:6] - Connect to GREEN TFT inputs.
TFTD[17:12] - Connect to RED TFT inputs.
The TFT interface is
muxed with the IDE
interface or the Par-
allel Port. See Table
3-7 on page 59 and
Table 3-8 on page
60 for details.
3.4.5
ACCESS.bus Interface Signals
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA
AB1C
AJ13
N31
I/O
ACCESS.bus 1 Serial Clock. This is the
serial clock for the interface.
Note:
If selected as AB1C function but not
used, tie AB1C high.
GPIO20+DOCCS#
AB1D
AL12
N30
I/O
ACCESS.bus 1 Serial Data. This is the bidi-
rectional serial data signal for the interface.
Note:
If AB1D function is selected but not
used, tie AB1D high.
GPIO1+IOCS1#
AB2C
AJ12
N29
I/O
ACCESS.bus 2 Serial Clock. This is the
serial clock for the interface.
Note:
If AB2C function is selected but not
used, tie AB2C high.
GPIO12
AB2D
AL11
M29
I/O
ACCESS.bus 2 Serial Data. This is the bidi-
rectional serial data signal for the interface.
Note:
If AB2D function is selected but not
used, tie AB2D high.
GPIO13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com