Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 68 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 68 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 64Page - Advanced Micro Devices SC3200 Datasheet HTML 65Page - Advanced Micro Devices SC3200 Datasheet HTML 66Page - Advanced Micro Devices SC3200 Datasheet HTML 67Page - Advanced Micro Devices SC3200 Datasheet HTML 68Page - Advanced Micro Devices SC3200 Datasheet HTML 69Page - Advanced Micro Devices SC3200 Datasheet HTML 70Page - Advanced Micro Devices SC3200 Datasheet HTML 71Page - Advanced Micro Devices SC3200 Datasheet HTML 72Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 447 page
background image
68
AMD Geode™ SC3200 Processor Data Book
Signal Definitions
Revision 5.1
3.4.6
PCI Bus Interface Signals
Signal Name
BalL No.
Type
Description
Mux
EBGA
TEPBGA
PCICLK
E2
A7
I
PCI Clock. PCICLK provides timing for all
transactions on the PCI bus. All other PCI
signals are sampled on the rising edge of
PCICLK, and all timing parameters are
defined with respect to this edge.
---
PCICLK0
D3
A4
O
PCI Clock Outputs. PCICLK0 and PCICLK1
provide clock drives for the system at 33
MHz. These clocks are asynchronous to PCI
signals. There is low skew between all out-
puts. One of these clock signals should be
connected to the PCICLK input. All PCI clock
users in the system (including PCICLK)
should receive the clock with as low a skew
as possible.
FPCI_MON (Strap)
PCICLK1
E4
D6
O
LPC_ROM (Strap)
AD[31:24]
See
Table 3-3
on page
38.
See
Table 3-5
on page
54.
I/O
Multiplexed Address and Data. A bus
transaction consists of an address phase in
the cycle in which FRAME# is asserted fol-
lowed by one or more data phases. During
the address phase, AD[31:0] contain a physi-
cal 32-bit address. For I/O, this is a byte
address. For configuration and memory, it is
a DWORD address. During data phases,
AD[7:0] contain the least significant byte
(LSB) and AD[31:24] contain the most signifi-
cant byte (MSB).
D[7:0]
AD[23:0]
A[23:0]
C/BE3#
A8
H4
I/O
Multiplexed Command and Byte Enables.
During the address phase of a transaction
when FRAME# is active, C/BE[3:0]# define
the bus command. During the data phase, C/
BE[3:0]# are used as byte enables. The byte
enables are valid for the entire data phase
and determine which byte lanes carry mean-
ingful data. C/BE0# applies to byte 0 (LSB)
and C/BE3# applies to byte 3 (MSB).
D11
C/BE2#
D8
F3
D10
C/BE1#
A10
J2
D9
C/BE0#
A13
L1
D8
INTA#
AE3
D26
I
PCI Interrupts. The SC3200 provides inputs
for the optional “level-sensitive” PCI inter-
rupts (also known in industry terms as
PIRQx#). These interrupts can be mapped to
IRQs of the internal 8259A interrupt control-
lers using PCI Interrupt Steering Registers 1
and 2 (F0 Index 5Ch and 5Dh).
Note:
If selected as INTC# or INTD# func-
tion(s) but not used, tie INTC# and
INTD# high.
---
INTB#
AF1
C26
---
INTC#
H4
C9
GPIO19+IOCHRDY
INTD#
B22
AA2
IDE_DATA7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com