Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 288 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 288 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 284Page - Advanced Micro Devices SC3200 Datasheet HTML 285Page - Advanced Micro Devices SC3200 Datasheet HTML 286Page - Advanced Micro Devices SC3200 Datasheet HTML 287Page - Advanced Micro Devices SC3200 Datasheet HTML 288Page - Advanced Micro Devices SC3200 Datasheet HTML 289Page - Advanced Micro Devices SC3200 Datasheet HTML 290Page - Advanced Micro Devices SC3200 Datasheet HTML 291Page - Advanced Micro Devices SC3200 Datasheet HTML 292Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 447 page
background image
288
AMD Geode™ SC3200 Processor Data Book
Core Logic Module - Audio Registers - Function 3
Revision 5.1
1
Assert Masked Internal IRQ1.
0: Disable.
1: Enable.
0
Reserved. Must be set to 0.
Offset 20h
Audio Bus Master 0 Command Register (R/W)
Reset Value: 00h
Audio Bus Master 0: Output to codec; 32-bit; Left and Right Channels; Slots 3 and 4.
7:4
Reserved. Must be set to 0. Must return 0 on reads.
3
Read or Write Control. Sets the transfer direction of the Audio Bus Master.
0: PCI reads are performed.
1: PCI writes are performed.
This bit must be set to 0 (read), and should not be changed when the bus master is active.
2:1
Reserved. Must be set to 0. Must return 0 on reads.
0
Bus Master Control. Controls the state of the Audio Bus Master.
0: Disable.
1: Enable.
Setting this bit to 1 enables the bus master to begin data transfers.
When writing 0 to this bit, the bus master must either be paused, or reach EOT. Writing 0 to this bit while the bus master is
operating may result in unpredictable behavior (and may crash the bus master state machine). The only recovery from such
unpredictable behavior is a PCI reset.
Offset 21h
Audio Bus Master 0 SMI Status Register (RC)
Reset Value: 00h
Audio Bus Master 0: Output to codec; 32-bit; Left and Right Channels; Slots 3 and 4.
7:2
Reserved.
1
Bus Master Error. Indicates if hardware encountered a second EOP before software has cleared the first.
0: No.
1: Yes.
If hardware encounters a second EOP (end of page) before software has cleared the first, it causes the bus master to pause
until this register is read to clear the error.
0
End of Page. Indicates if the bus master transferred data which is marked by EOP bit in the PRD table (bit 30).
0: No.
1: Yes.
Offset 22h-23h
Not Used
Offset 24h-27h
Audio Bus Master 0 PRD Table Address (R/W)
Reset Value: 00000000h
Audio Bus Master 0: Output to codec; 32-bit; Left and Right Channels; Slots 3 and 4.
31:2
Pointer to the Physical Region Descriptor Table. This bit field contains a PRD table pointer for Audio Bus Master 0.
When written, this register points to the first entry in a PRD table. Once Audio Bus Master 0 is enabled (Command Register
bit 0 = 1), it loads the pointer and updates this register (by adding 08h) so that it points to the next PRD.
When read, this register points to the next PRD.
1:0
Reserved. Must be set to 0.
Note:
The Physical Region Descriptor (PRD) table consists of one or more entries - each describing a memory region to or from
which data is to be transferred. Each entry consists of two DWORDs.
DWORD 0:
[31:0]
= Memory Region Physical Base Address
DWORD 1:
31
= End of Table Flag
30
= End of Page Flag
29
= Loop Flag (JMP)
[28:16]
= Reserved (0)
[15:0]
= Byte Count of the Region (Size)
Table 6-38. F3BAR0+Memory Offset: Audio Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com